Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS461C Datasheet(PDF) 25 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 21Page - ATMEL Corporation TSS461C Datasheet HTML 22Page - ATMEL Corporation TSS461C Datasheet HTML 23Page - ATMEL Corporation TSS461C Datasheet HTML 24Page - ATMEL Corporation TSS461C Datasheet HTML 25Page - ATMEL Corporation TSS461C Datasheet HTML 26Page - ATMEL Corporation TSS461C Datasheet HTML 27Page - ATMEL Corporation TSS461C Datasheet HTML 28Page - ATMEL Corporation TSS461C Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
25
TSS461C
4193G–AUTO–12/04
MR[3:0]: Maximum Retries
These bits allow the user to control the amount of retries the circuit will perform if any
errors occurred during transmission.
Table 5. Retries
Note:
Bus contention is not regarded as an error and an infinite number of transmission
attempts will be performed if bus contention occurs continuously.
VER[2:0]: DLC Version After
Reset
•
000: TSS461A & B
•
001: TSS461C and TSS461C
These bits cannot be set by user; 001 must always be written to these bits.
MT: Module Type
The three different module types are supported (see Section “VAN Frame”):
One: The TSS461C is an autonomous module (Rank 0), an synchronous access mod-
ule (Rank 1) or a slave module (Rank 16).
Zero: The TSS461C is an synchronous access module (Rank 1) or a slave module
(Rank 16).
Diagnosis Control Register
(0x02)
•
Read/Write register
•
Default value after reset: 0x00
MR [3:0]
Max Number of Retries
Max Number of Transmits
0000
0
1
0001
1
2
0010
2
3
0011
3
4
0100
4
5
0101
5
6
0110
6
7
0111
7
8
1000
8
9
1001
9
10
1010
10
11
1011
11
12
1100
12
13
1101
13
14
1110
14
15
1111
15
16+
7
6
5
4
3
2
1
0
SDC3
SDC2
SDC1
SDC0
Ma
Mb
ETIP
ESDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com