Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS461C Datasheet(PDF) 36 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 32Page - ATMEL Corporation TSS461C Datasheet HTML 33Page - ATMEL Corporation TSS461C Datasheet HTML 34Page - ATMEL Corporation TSS461C Datasheet HTML 35Page - ATMEL Corporation TSS461C Datasheet HTML 36Page - ATMEL Corporation TSS461C Datasheet HTML 37Page - ATMEL Corporation TSS461C Datasheet HTML 38Page - ATMEL Corporation TSS461C Datasheet HTML 39Page - ATMEL Corporation TSS461C Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
36
TSS461C
4193G–AUTO–12/04
ID_T [11:0]: Identifier Tag
Upon a reception hit (i.e, a good comparison between the identifier received and an
identifier specified, taking the comparison mask into account, as well as a status and
command indicating a message to be received, the identifier tag bits value will be rewrit-
ten with the identifier bits actually received.
EXT, RAK, RNW & RTR: (See
Section “Retries, Rearbitrate
and Abort”)
No comparison will be done on the command bits, except on EXT bit. The RAK, RNW
and RTR bits will be written into the first byte of the Message upon a reception hit.
The RNW and RTR bits, as well as the status bits in the length and status register, must
be in a valid position for reception or transmission. If not, the message corresponding to
this identifier is considered as inactive or invalid.
The way of knowing if an acknowledge sequence was requested or not is to check the
first byte of the Message.
Message Pointer Register
The message pointer register at address (base_address + 0x02) is 8 bits wide. It indi-
cates where, in the Message DATA RAM area, the message buffer is located.
•
Read/Write register
DRAK: Disable RAK (Used in
'Spy Mode')
In reception: whatever is the RAK bit of the incoming valid frame, no ACK answer will be
set. If the message was successfully received, an IT is set (ROK or RNOK).
In transmission: no action.
One: disable active, 'spy' mode.
Zero: disable inactive, normal operation.
M_P [6:0]: Message Pointer
Since the Message DATA RAM area base address is 0x80, the value in this register is
the offset from that address. If the message buffer length value is illegal (i.e. zero), this
register is redefined as being a link pointer, thus containing the channel number of the
channel that contains the actual message pointer, message length and received status.
However, the identifier, mask, error and transmitted status used will be the originally
matched channel. In any case, if a link is intended, the three high bits of M_P [6:0]
should be set to 0.
This allows several channels to use the same actual reception buffer in Message DATA
RAM, thus diminishing the memory usage.
Note that only 1 level of link is supported.
76543210
DRAK
M_P 6
M_P 5
M_P 4
M_P 3
M_P 2
M_P 1
M_P 0
base_address
+ 0x02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com