Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS461C Datasheet(PDF) 41 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 37Page - ATMEL Corporation TSS461C Datasheet HTML 38Page - ATMEL Corporation TSS461C Datasheet HTML 39Page - ATMEL Corporation TSS461C Datasheet HTML 40Page - ATMEL Corporation TSS461C Datasheet HTML 41Page - ATMEL Corporation TSS461C Datasheet HTML 42Page - ATMEL Corporation TSS461C Datasheet HTML 43Page - ATMEL Corporation TSS461C Datasheet HTML 44Page - ATMEL Corporation TSS461C Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
41
TSS461C
4193G–AUTO–12/04
Figure 23. Message Status Updating
Message Data (String
Pointed by: Message
Pointer Register + 1)
DATA0 is the first received (or transmitted) byte, DATAn is the last one.
Notes:
1. If the length reserved (in the message length & status register) for an incoming frame
is 2 bytes greater or more, the TSS461C will write the 2 bytes of the CRC field in the
message string just after DATAn.
Because the VAN frame does not contain a message length, the only way for the
component to know the length of the DATA field is either the message length register
value, or the EOD field detection. When the reserved length is too large, at the
moment when it detects the EOD, the TSS461C has already written the 2 bytes of the
CRC field, considering these bytes as normal DATA.
2. The Mailbox RAM area is a circular buffer. The next location after 0xFF is 0x80.
Data Frame
Immediate
Reply
I, P
C
Frame Type
Node x
Message Status on Node A after IT(*)
Commu-
Node A
RAK
RNW
RTR
Length
Previous
Value
I, C
P
RAK
RNW
RTR
Deferred
Reply
Previous
Value
I, C
P
RAK
RNW
RTR
Data Frame
I, P
C
Immediate
Reply
I, C
P
RAK
RNW
RTR
Length
Deferred
Reply
I, C
P
RAK
RNW
RTR
Length
previous values
P: Producer
I: Initiator
C: Consumer
(*) After IT ROK or RNOK. In case of IT RE, the values can be erroneous.
nication
7654321
0
DATAn
- - -
- - -
- - -
- - -
- - -
- - -
-- - -
- - -
DATA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com