Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS461C Datasheet(PDF) 35 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 31Page - ATMEL Corporation TSS461C Datasheet HTML 32Page - ATMEL Corporation TSS461C Datasheet HTML 33Page - ATMEL Corporation TSS461C Datasheet HTML 34Page - ATMEL Corporation TSS461C Datasheet HTML 35Page - ATMEL Corporation TSS461C Datasheet HTML 36Page - ATMEL Corporation TSS461C Datasheet HTML 37Page - ATMEL Corporation TSS461C Datasheet HTML 38Page - ATMEL Corporation TSS461C Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
35
TSS461C
4193G–AUTO–12/04
Table 9. Channel Register Sets Map
Table 10. Channel Register Set Structure
Identifier Tag and Command
Registers
The identifier tag and command registers are located at the base_address and
base_address + 1. It allows the user to specify the full 12-bit identifier field of the ISO
standard and the 4-bit command.
•
Read/Write registers.
Channel Number
From
To
Channel Number
From
To
6
0x40
0x47
13
0x78
0x7F
5
0x38
0x3F
12
0x70
0x77
4
0x30
0x37
11
0x68
0x6F
3
0x28
0x2F
10
0x60
0x67
2
0x20
0x27
9
0x58
0x5F
1
0x18
0x1F
8
0x50
0x57
0
0x10
0x17
7
0x48
0x4F
Reg. Name
Offset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ID_MASK
0x07
ID_M [3:0]
xxxx
ID_MASK
0x06
ID_M [11:4]
(no register)
0x05
x
x
xxxxxx
(no register)
0x04
x
x
xxxxxx
MESS_L/
STA
0x03
M_L [4:0]
CHER
CHTx
CHRx
MESS_PTR
0x02
DRACK
M_P [6:0]
ID_TAG/
CMD
0x01
ID_T [3: 0]
EXT
RAK
RNW
RTR
ID_TAG
0x00
ID_T [11:4]
7654
3210
ID_T 3
ID_T 2
ID_T 1
ID_T 0
EXT
RAK
RNW
RTR
base_address
+ 0x01
7654
3210
ID_T 11
ID_T 10
ID_T 9ID_T 8ID_T 7ID_T 6ID_T 5ID_T 4
base_address
+ 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com