| Electronic Components Datasheet Search |
|
TSS461C Datasheet(PDF) 23 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TSS461C Datasheet(HTML) 23 Page - ATMEL Corporation |
|
23 / 57 page ![]() 23 TSS461C 4193G–AUTO–12/04 Registers The TSS461C memory map consists of three different areas, the Control & Status regis- ters, the Channel Registers and the Message Data (or Mailbox). Mapping Figure 16. Memory Map Notes: 1. All the non-specified addresses between 0x00 and 0x7F are considered as absent. 2. (r) means read-only register. (w) means write-only register. (r/w) means read/write register. 3. Value after RESET is found after register name. If no value is given, the register is not initialized at RESET. 0x70 to 0x77 (r/w) Reserved 0x7C & 0x7D Reserved Channel 9 0x58 to 0x5F (r/w) Channel 10 0x60 to 0x67 (r/w) 0x17 (r/w) Channel 2 0x20 to 0x27 (r/w) 0x10 (r/w) 0x28 to 0x2F (r/w) Channel 5 0x78 (r/w) 0x79 (r/w) 0x7A (r/w) 0x7B (r/w) Channel 13 0x78 to 0x7F (r/w) 0x38 to 0x3F (r/w) ID_Mask [11..4] ID_TAG [11..4] ID_Mask [3..0] 0x11 (r/w) 0x12 (r/w) 0x13 (r/w) 0x14 & 0x15 0x16 (r/w) Line Control (0x00) 0x01 (r/w) Transmit Control (0x02) 0x81 Data Byte 1 Diagnosis Control (0x00) Command (0x00) Line Status (0bx01xxx00) Transmit Status (0x00) Last Message Status (0x00) Last Error Status (0x00) Reserved Interrupt Status (0x80) Interrupt Enable (0x80) 0x00 (r/w) 0x02 (r/w) 0x03 (w) 0x04 (r) 0x05 (r) 0x06 (r) 0x07 (r) 0x08 0x09 (r) 0x0B (w) Interrupt Reset 0x0A (r/w) 0xFF Data Byte 127 0x80 0x82 0x83 0x84 0x85 0x86 0x87 0x88 0x89 0x8A 0x8B 0x8C Data Byte 0 Data Byte 2 Data Byte 3 Data Byte 4 Data Byte 5 Data Byte 6 Data Byte 7 Data Byte 8 Data Byte 9 Data Byte 10 Data Byte 11 Data Byte 12 Channel 4 Channel 8 Channel 6 Channel 12 Channel 1 Channel 11 Channel 7 Reserved 0x10 to 0x17 (r/w) 0x30 to 0x37 (r/w) 0x50 to 0x57 (r/w) 0x40 to 0x47 (r/w) 0x18 to 0x1F (r/w) 0x68 to 0x6F (r/w) 0x48 to 0x4F (r/w) 0x0C to 0x0F Register Message ID_TAG [3..0] + COM DRAK + Message Address Message Length + Status Reserved Channel 0 Registers Channel 0 ID_TAG (lsb) + COM ID_TAG (msb) DRAK + Message Address Message Length + Status 0x7E (r/w) Channel 13 Registers ID_Mask [11..4] 0x7F (r/w) ID_Mask [3..0] ID_Mask [11..4] Channel 3 Channel 13 Channel 2 0x17 (r/w) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |