Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS461C Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 9Page - ATMEL Corporation TSS461C Datasheet HTML 10Page - ATMEL Corporation TSS461C Datasheet HTML 11Page - ATMEL Corporation TSS461C Datasheet HTML 12Page - ATMEL Corporation TSS461C Datasheet HTML 13Page - ATMEL Corporation TSS461C Datasheet HTML 14Page - ATMEL Corporation TSS461C Datasheet HTML 15Page - ATMEL Corporation TSS461C Datasheet HTML 16Page - ATMEL Corporation TSS461C Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
13
TSS461C
4193G–AUTO–12/04
Figure 6 shows a normal VAN bus frame. It is initiated with a Start of Frame (SOF)
sequence shown in Figure 8. The SOF can only be transmitted by an autonomous mod-
ule. During the preamble, the TSS461C will synchronize its bit rate clock to the data
received.
Figure 8. Framing Sequences
When the complete SOF sequence has been transmitted or received, the circuit will
start the transmission or reception of the identifier field.
All data on the VAN bus, including the identifier and Frame Check Sum (FCS), are
transmitted using enhanced Manchester code.
In enhanced Manchester code, three NRZ bits are transmitted first followed by one
Manchester bit, then three more NRZ bits followed by one Manchester bit and so on.
Since the high state is recessive and the low state is dominant, the bus arbitration can
be done. If a module wants access to the bus, it must first listen to the bus during one
full End of Frame (EOF) and one full Inter Frame Spacing (IFS) period, to determine
whether the bus is free or not (i.e., no dominant states received).
Figure 9. Data Encoding
VAN BUS
SEQUENCE
VAN BUS
SEQUENCE
NUMBER OF
PRESCALED
CLOCKS
PREAMBLE
START OF FRAME
START
SYNC
END OF
DATA
ACK
END OF FRAME
0
16
32
48
64
80
96
112 128 144
160 176 192
VAN BUS
SEQUENCE
VAN BUS
SEQUENCE
VAN BUS
SEQUENCE
NUMBER OF
PRESCALED
CLOCKS
NRZ 0
NRZ 1
MANCHESTER 0
MANCHESTER 1
0
8
16
24
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com