Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16CR74E/SP Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC16CR74E/SP
Description  28/40-Pin, 8-Bit CMOS ROM Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CR74E/SP Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC16CR74E/SP Datasheet HTML 164Page - Microchip Technology PIC16CR74E/SP Datasheet HTML 165Page - Microchip Technology PIC16CR74E/SP Datasheet HTML 166Page - Microchip Technology PIC16CR74E/SP Datasheet HTML 167Page - Microchip Technology PIC16CR74E/SP Datasheet HTML 168Page - Microchip Technology PIC16CR74E/SP Datasheet HTML 169Page - Microchip Technology PIC16CR74E/SP Datasheet HTML 170Page - Microchip Technology PIC16CR74E/SP Datasheet HTML 171Page - Microchip Technology PIC16CR74E/SP Datasheet HTML 172Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 171 / 172 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS21993C-page 169
PIC16CR7X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC16CR73
PIC16CR74
PIC16CR76
PIC16CR77
Temperature
Range:
I= -40
°C to +85°C (Industrial)
E= -40
°C to+125°C (Extended)
Package:
PT
=
TQFP (Thin Quad Flatpack)
L=
PLCC
SO
=
SOIC
SP
=
Skinny Plastic DIP
P=
PDIP
Pattern:
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
Note1:
F
= Standard Voltage Range
LF = Wide Voltage Range
2:
T
= in tape and reel PLCC, and
TQFP
packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com