Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8534 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8534
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8534 Datasheet HTML 2Page - NXP Semiconductors PCF8534 Datasheet HTML 3Page - NXP Semiconductors PCF8534 Datasheet HTML 4Page - NXP Semiconductors PCF8534 Datasheet HTML 5Page - NXP Semiconductors PCF8534 Datasheet HTML 6Page - NXP Semiconductors PCF8534 Datasheet HTML 7Page - NXP Semiconductors PCF8534 Datasheet HTML 8Page - NXP Semiconductors PCF8534 Datasheet HTML 9Page - NXP Semiconductors PCF8534 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
6 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
6.
Functional description
The PCF8534 is a versatile peripheral device designed to interface any
microprocessor/microcontroller to a wide variety of LCDs. It can directly drive any static or
multiplexed LCD containing up to four backplanes and up to 60 segments.
The display configurations possible with the PCF8534 depend on the number of active
backplane outputs required; a selection of display configurations is given in Table 4.
All of the display configurations given in Table 4 can be implemented in the typical system
shown in Figure 3.
The host microprocessor / microcontroller maintains the 2-line I2C-bus communication
channel with the PCF8534. The internal oscillator is selected by connecting pad OSC
to VSS. The appropriate biasing voltages for the multiplexed LCD waveforms are
generated internally. The only other connections required to complete the system are the
power supplies (VDD, VSS and VLCD) and the LCD panel selected for the application.
OSC
43
internal oscillator enable input
A0, A1 and A2
44 to 46
subaddress inputs
SA0
47
I2C-bus slave address input: [0]
VSS
48
logic ground
VLCD
49
LCD supply voltage
BP0, BP1, BP2 and BP3
30 to 33
LCD backplane outputs
S0 to S59
50 to 80
and 1 to 29
LCD segment outputs
Table 3.
Pin description
Symbol
Pin
Description
Table 4.
Selection of display configurations
Number of
7 segment numeric
14 segment numeric
Dot matrix
Backplanes
Segments
Digits
Indicator
symbols
Characters
Indicator
symbols
4
240
30
30
16
16
240 (4 x 60)
3
180
22
26
12
12
180 (3 x 60)
2
120
15
15
8
8
120 (2 x 60)
160
7
11
44
60 (1 x 60)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com