Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8534 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8534
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8534 Datasheet HTML 26Page - NXP Semiconductors PCF8534 Datasheet HTML 27Page - NXP Semiconductors PCF8534 Datasheet HTML 28Page - NXP Semiconductors PCF8534 Datasheet HTML 29Page - NXP Semiconductors PCF8534 Datasheet HTML 30Page - NXP Semiconductors PCF8534 Datasheet HTML 31Page - NXP Semiconductors PCF8534 Datasheet HTML 32Page - NXP Semiconductors PCF8534 Datasheet HTML 33Page - NXP Semiconductors PCF8534 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
30 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
[1]
Typical output duty cycle of 50%.
[2]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS to VDD.
tHD;STA
start condition hold time
0.6
-
-
μs
tSU;STA
set-up time for a repeated start condition
0.6
-
-
μs
tLOW
SCL LOW time
1.3
-
-
μs
tHIGH
SCL HIGH time
0.6
-
-
μs
tr
SCL and SDA rise time
-
-
0.3
μs
tf
SCL and SDA fall time
-
0.3
μs
Cb
capacitive bus line load
-
-
400
pF
tSU;DAT
data set-up time
100
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set up time for stop condition
0.6
-
-
μs
tSW
tolerable spike width on bus
-
-
50
ns
Table 21.
Dynamic characteristics
VDD = 1.8 to 5.5 V; VSS = 0 V; VLCD = 2.5 to 6.5 V; TAMB =
−40 to +85°C; unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 19. Test loads
gewidth
MGS120v02
Ω
3.3 k
Ω
1.5 k
0.5VDD
VDD
VSS
SDA,
SCL
CLK
1 nF
BP0 to BP3, and
S0 to S59
(2%)
(2%)
Ω
6.8
VDD
SYNC
(2%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com