Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8534 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8534
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8534 Datasheet HTML 19Page - NXP Semiconductors PCF8534 Datasheet HTML 20Page - NXP Semiconductors PCF8534 Datasheet HTML 21Page - NXP Semiconductors PCF8534 Datasheet HTML 22Page - NXP Semiconductors PCF8534 Datasheet HTML 23Page - NXP Semiconductors PCF8534 Datasheet HTML 24Page - NXP Semiconductors PCF8534 Datasheet HTML 25Page - NXP Semiconductors PCF8534 Datasheet HTML 26Page - NXP Semiconductors PCF8534 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
23 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
7.9 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus. The five
commands available to the PCF8534 are defined in Table 8.
Table 8.
Definition of PCF8534 commands
Command
OPCODE
Options
Description
Mode set
1 1 00E BM1M0
Table 9
defines LCD drive mode
Table 10
defines LCD bias configuration
Table 11
defines display status; the possibility to disable
the display allows implementation of blinking
under external control
Load data pointer
0 P6 P5 P4 P3 P2 P1 P0
Table 12
7 bits of immediate data, bits P6 to P0, are
transferred to the data pointer to define one of 8
hardware subaddresses
Device select
1 1 10 0A2A1A0
Table 13
3 bits of immediate data, bits A0 to A3 are
transferred to the subaddress counter to define
one of 8 hardware subaddresses
Bank select
1 1 1 1 1 0 I O
Table 14
defines input bank selection (storage of arriving
display data)
Table 15
defines output bank selection (retrieval of LCD
display data); the BANK SELECT command has
no effect in 1:3 or 1:4 multiplex drive modes
Blink
1 1 1 1 0 A BF BF
Table 16
defines the blinking frequency
10
Table 17
selects the blinking mode; normal operation with
frequency set by BF1, BF0 or blinking by
alteration of display RAM banks. Alteration
blinking does not apply in 1:3 or 1:4 multiplex
drive modes.
Table 9.
Mode set option 1
LCD drive mode
Bits
Drive mode
Backplane
M1
M0
static
1 BP
0
1
1:2
MUX (2BP)
1
0
1:3
MUX (3BP)
1
1
1:4
MUX (4BP)
0
0
Table 10.
Mode set option 2
LCD bias
Bit B
1
⁄3 bias
0
1
⁄2 bias
1
Table 11.
Mode set option 3
Display status
Bit E
disabled (blank)
0
enabled
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com