Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8534 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8534
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8534 Datasheet HTML 27Page - NXP Semiconductors PCF8534 Datasheet HTML 28Page - NXP Semiconductors PCF8534 Datasheet HTML 29Page - NXP Semiconductors PCF8534 Datasheet HTML 30Page - NXP Semiconductors PCF8534 Datasheet HTML 31Page - NXP Semiconductors PCF8534 Datasheet HTML 32Page - NXP Semiconductors PCF8534 Datasheet HTML 33Page - NXP Semiconductors PCF8534 Datasheet HTML 34Page - NXP Semiconductors PCF8534 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
31 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
Fig 20. Driver timing waveforms
MGL761v03
0.7VDD
0.3VDD
0.7VDD
0.3VDD
1/ fCLK
td(p)(SYNC)
td(p)(SYNC)
tCLKH
tCLKL
SYNC
CLK
0.5 V
0.5 V
tPLCD
BP0 to BP3,
and S0 to S59
tSYNCL
(VDD = 5 V)
tr
tf
Fig 21. I2C-bus timing waveforms
SDA
mga728
SDA
SCL
tSU;STA
tSU;STO
tHD;STA
tBUF
tLOW
tHD;DAT
tHIGH
tr
tf
tSU;DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com