Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8534 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8534
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8534 Datasheet HTML 12Page - NXP Semiconductors PCF8534 Datasheet HTML 13Page - NXP Semiconductors PCF8534 Datasheet HTML 14Page - NXP Semiconductors PCF8534 Datasheet HTML 15Page - NXP Semiconductors PCF8534 Datasheet HTML 16Page - NXP Semiconductors PCF8534 Datasheet HTML 17Page - NXP Semiconductors PCF8534 Datasheet HTML 18Page - NXP Semiconductors PCF8534 Datasheet HTML 19Page - NXP Semiconductors PCF8534 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
16 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
6.11 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This
allows the loading of an individual display data byte, or a series of display data bytes, into
any location of the display RAM. The sequence commences with the initialization of the
data pointer by the LOAD DATA POINTER command. Following this, an arriving data byte
is stored starting at the display RAM address indicated by the data pointer thereby
observing the filling order shown in Figure 10. The data pointer is automatically
incremented in accordance with the chosen LCD configuration. That is, after each byte is
stored, the contents of the data pointer are incremented by eight (static drive mode), by
four (1:2 multiplex drive mode), by three (1:3 multiplex drive mode) or by two (1:4
multiplex drive mode). If an I2C-bus data access is terminated early then the state of the
data pointer is unknown. The data pointer must be re-written prior to further RAM
accesses.
6.12 Subaddress counter
The storage of display data is conditioned by the contents of the subaddress counter.
Storage is allowed to take place only when the contents of the subaddress counter agree
with the hardware subaddress applied to A0, A1 and A2. The subaddress counter value is
defined by the DEVICE SELECT command. If the contents of the subaddress counter and
the hardware subaddress do not agree then data storage is inhibited but the data pointer
is incremented as if data storage had taken place.
The subaddress counter is also incremented when the data pointer overflows.
The storage arrangements described lead to extremely efficient data loading in cascaded
applications. When a series of display bytes are sent to the display RAM, automatic
wrap-over to the next PCF8534 occurs when the last RAM address is exceeded.
Subaddressing across device boundaries is successful even if the change to the next
device in the cascade occurs within a transmitted character (such as during the 27th
display data byte transmitted in 1 : 3 multiplex mode).
The hardware subaddress should not be changed whilst the device is being accessed on
the I2C-bus interface.
6.13 Output bank selector
The output bank selector selects one of the four bits per display RAM address for transfer
to the display latch. The actual bit selected depends on the particular LCD drive mode in
operation and on the instant in the multiplex sequence. In 1:4 multiplex, all RAM
addresses of bit 0 are selected, these are followed by the contents of bit 1, bit 2 and then
bit 3. Similarly in 1:3 multiplex, bits 0, 1 and 2 are selected sequentially. In 1:2 multiplex,
bits 0 and 1 are selected and, in the static mode, bit 0 is selected.
The SYNC signal will reset these sequences to the following starting points; bit 3 for 1:4
multiplex, bit 2 for 1:3 multiplex, bit 1 for 1:2 multiplex and bit 0 for static mode.
The PCF8534 includes a RAM bank switching feature in the static and 1:2 multiplex drive
modes. In the static drive mode, the BANK SELECT command may request the contents
of bit 2 to be selected for display instead of the contents of bit 0. In the 1:2 drive mode, the
contents of bits 2 and 3 may be selected instead of bits 0 and 1. This gives the provision
for preparing display information in an alternative bank and to be able to switch to it once
it is assembled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com