Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8534 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8534
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8534 Datasheet HTML 13Page - NXP Semiconductors PCF8534 Datasheet HTML 14Page - NXP Semiconductors PCF8534 Datasheet HTML 15Page - NXP Semiconductors PCF8534 Datasheet HTML 16Page - NXP Semiconductors PCF8534 Datasheet HTML 17Page - NXP Semiconductors PCF8534 Datasheet HTML 18Page - NXP Semiconductors PCF8534 Datasheet HTML 19Page - NXP Semiconductors PCF8534 Datasheet HTML 20Page - NXP Semiconductors PCF8534 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
17 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
6.14 Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in bit 2 in static drive mode
or in bits 2 and 3 in 1:2 drive mode by using the BANK SELECT command. The input
bank selector functions independently to the output bank selector.
6.15 Blinker
The display blinking capabilities of the PCF8534 are very versatile. The whole display can
be blinked at frequencies selected by the BLINK command. The blinking frequencies are
integer multiples of the clock frequency. The ratios between the clock and blinking
frequencies depend on the mode in which the device is operating, see Table 7.
An additional feature is for an arbitrary selection of LCD segments to be blinked. This
applies to the static and 1:2 LCD drive modes and is implemented without any
communication overheads. By means of the output bank selector, the displayed RAM
banks are exchanged with alternate RAM banks at the blinking frequency. This mode can
also be specified by the BLINK command.
In the 1:3 and 1:4 multiplex modes, where no alternate RAM bank is available, groups of
LCD segments can be blinked by selectively changing the display RAM data at fixed time
intervals.
If the entire display is to be blinked at a frequency other than the nominal blinking
frequency, this can be effectively performed by resetting and setting the display enable
bit E at the required rate using the MODE SET command.
Table 7.
Blinking frequencies
Blinking mode
Normal operating mode
ratio
Normal blinking frequency
Off
-
Blinking off
2 Hz
2 Hz
1 Hz
1 Hz
0.5 Hz
0.5 Hz
f
CLK
768
-----------
f
CLK
1536
------------
f
CLK
3072
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com