Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8534 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8534
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8534 Datasheet HTML 11Page - NXP Semiconductors PCF8534 Datasheet HTML 12Page - NXP Semiconductors PCF8534 Datasheet HTML 13Page - NXP Semiconductors PCF8534 Datasheet HTML 14Page - NXP Semiconductors PCF8534 Datasheet HTML 15Page - NXP Semiconductors PCF8534 Datasheet HTML 16Page - NXP Semiconductors PCF8534 Datasheet HTML 17Page - NXP Semiconductors PCF8534 Datasheet HTML 18Page - NXP Semiconductors PCF8534 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
15 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
6.10 Display RAM
The display RAM is a static 60 x 4-bit RAM which stores LCD data. A logic 1 in the RAM
bit map indicates the on-state of the corresponding LCD segment; similarly, a logic 0
indicates the off-state. There is a one-to-one correspondence between the RAM
addresses and the segment outputs, and between the individual bits of a RAM word and
the backplane outputs. The first RAM column corresponds to the 60 segments operated
with respect to backplane BP0 (see Figure 9). In multiplexed LCD applications the
segment data of the second, third and fourth column of the display RAM are
time-multiplexed with BP1, BP2 and BP3 respectively.
When display data is transmitted to the PCF8534 the display bytes received are stored in
the display RAM in accordance with the selected LCD drive mode. The data is stored as it
arrives and does not wait for the acknowledge cycle as with the commands. Depending on
the current mux mode data is stored singularly, in pairs, triplets or quadruplets. e.g. in 1:2
mux mode the RAM data is stored every second bit. To illustrate the filling order, an
example of a 7-segment numeric display showing all drive modes is given in Figure 10;
the RAM filling organization depicted applies equally to other LCD types. With reference
to Figure 10, in the static drive mode the eight transmitted data bits are placed in bit 0 of
eight successive display RAM addresses. In the 1:2 multiplex drive mode the eight
transmitted data bits are placed in bits 0 and 1 of four successive display RAM addresses.
In the 1 : 3 multiplex drive mode these bits are placed in bits 0, 1 and 2 of three
successive addresses, with bit 2 of the third address left unchanged. This last bit may, if
necessary, be controlled by an additional transfer to this address but care should be taken
to avoid overriding adjacent data because full bytes are always transmitted. In the 1:4
multiplex drive mode the eight transmitted data bits are placed in bits 0, 1, 2 and 3 of two
successive display RAM addresses.
Table 6.
LCD frame frequencies
Frame frequency
Nominal frame frequency (Hz)
64
f
CLK
24
-----------
Fig 9.
Display RAM bit map showing direct relationship between backplane outputs, display RAM addresses and
segment outputs, and between bits in a RAM word and backplane outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com