| Electronic Components Datasheet Search |
|
PCF8534 Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534 Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 40 page ![]() PCF8534_0 © NXP B.V. 2007. All rights reserved. Preliminary datasheet Rev. 00.05 — 20 February 2007 14 of 40 NXP Semiconductors PCF8534 Universal LCD driver for low multiplex rates 6.5 Oscillator 6.5.1 Internal clock The internal logic and the LCD drive signals of the PCF8534 are timed either by the built-in oscillator or from an external clock. When the internal oscillator is used, you must connect pad OSC to VSS. In this event, the output from pad CLK provides the clock signal for cascaded PCF8534’s in the system. After power-up, SDA must be HIGH to guarantee that the clock starts. 6.5.2 External clock The condition for external clock is made by tying pad OSC to VDD; pad CLK then becomes the external clock input. The clock frequency (fCLK) determines the LCD frame frequency. A clock signal must always be supplied to the device; removing the clock may freeze the LCD in a DC state. 6.6 Timing The timing of the PCF8534 organizes the internal data flow of the device. This includes the transfer of display data from the display RAM to the display segment outputs. In cascaded applications the synchronization signal (SYNC) maintains the correct timing relationship between the PCF8534’s in the system. The timing also generates the LCD frame frequency which it derives as an integer division of the clock frequency (see Table 6). The frame frequency is a fixed division of the internal clock or of the frequency applied to pad CLK when an external clock is used. 6.7 Display register The display latch holds the display data while the corresponding multiplex signals are generated. There is a one-to-one relationship between the data in the display latch, the LCD segment outputs and one column of the display RAM. 6.8 Segment outputs The LCD drive section includes 60 segment outputs (S0 to S59) which must be connected directly to the LCD. The segment output signals are generated in accordance with the multiplexed backplane signals and with data resident in the display latch. When less than 60 segment outputs are required the unused segment outputs must be left open-circuit. 6.9 Backplane outputs The LCD drive section includes four backplane outputs BP0 to BP3 which must be connected directly to the LCD. The backplane output signals are generated in accordance with the selected LCD drive mode. If less than four backplane outputs are required the unused outputs can be left open-circuit. In the 1:3 multiplex drive mode BP3 carries the same signal as BP1, therefore these two adjacent outputs can be tied together to give enhanced drive capabilities. In the 1:2 multiplex drive mode BP0 and BP2, BP1 and BP3 respectively carry the same signals and may also be paired to increase the drive capabilities. In the static drive mode the same signal is carried by all four backplane outputs and they can be connected in parallel for very high drive requirements. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |