Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB95F128MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128MB Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB95F128MB Datasheet HTML 30Page - fujitsu semiconductor MB95F128MB Datasheet HTML 31Page - fujitsu semiconductor MB95F128MB Datasheet HTML 32Page - fujitsu semiconductor MB95F128MB Datasheet HTML 33Page - fujitsu semiconductor MB95F128MB Datasheet HTML 34Page - fujitsu semiconductor MB95F128MB Datasheet HTML 35Page - fujitsu semiconductor MB95F128MB Datasheet HTML 36Page - fujitsu semiconductor MB95F128MB Datasheet HTML 37Page - fujitsu semiconductor MB95F128MB Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
MB95120MB Series
34
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
Vcc
AVcc
Vss
− 0.3
Vss
+ 6.0
V
*2
AVR
Vss
− 0.3
Vss
+ 6.0
*2
Power supply voltage for
LCD
V0 to V3
VSS
− 0.3
VSS
+ 6.0
V
*3
Input voltage*1
VI
Vss
− 0.3
Vss
+ 6.0
V
*4
Output voltage*1
VO
Vss
− 0.3
Vss
+ 6.0
V
*4
Maximum clamp current
ICLAMP
− 2.0
+ 2.0
mA
Applicable to pins*5
Total maximum clamp
current
Σ|ICLAMP|
⎯
20
mA
Applicable to pins*5
“L” level maximum
output current
IOL1
⎯
15
mA
Other than P00 to P07
IOL2
15
P00 to P07
“L” level average
current
IOLAV1
⎯
4
mA
Other than P00 to P07
Average output current
=
operating current
× operating ratio
(1 pin)
IOLAV2
12
P00 to P07
Average output current
=
operating current
× operating ratio
(1 pin)
“L” level total maximum
output current
ΣIOL
⎯
100
mA
“L” level total average
output current
ΣIOLAV
⎯
50
mA
Total average output current
=
operating current
× operating ratio
(Total of pins)
“H” level maximum
output current
IOH1
⎯
− 15
mA
Other than P00 to P07
IOH2
− 15
P00 to P07
“H” level average
current
IOHAV1
⎯
− 4
mA
Other than P00 to P07
Average output current
=
operating current
× operating ratio
(1 pin)
IOHAV2
− 8
P00 to P07
Average output current
=
operating current
× operating ratio
(1 pin)
“H” level total maximum
output current
ΣIOH
⎯
− 100
mA
“H” level total average
output current
ΣIOHAV
⎯
− 50
mA
Total average output current
=
operating current
× operating ratio
(Total of pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com