Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 45 Page - fujitsu semiconductor

Part # MB95F128MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128MB Datasheet(HTML) 45 Page - fujitsu semiconductor

Back Button MB95F128MB Datasheet HTML 41Page - fujitsu semiconductor MB95F128MB Datasheet HTML 42Page - fujitsu semiconductor MB95F128MB Datasheet HTML 43Page - fujitsu semiconductor MB95F128MB Datasheet HTML 44Page - fujitsu semiconductor MB95F128MB Datasheet HTML 45Page - fujitsu semiconductor MB95F128MB Datasheet HTML 46Page - fujitsu semiconductor MB95F128MB Datasheet HTML 47Page - fujitsu semiconductor MB95F128MB Datasheet HTML 48Page - fujitsu semiconductor MB95F128MB Datasheet HTML 49Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
MB95120MB Series
45
• Operating voltage - Operating frequency (TA = − 40 °C to + 105 °C)
• MB95F124MB/F124NB/F124JB/F126MB/F126NB/F126JB/F128MB/F128NB/F128JB
• Operating voltage - Operating frequency (TA = + 5 °C to + 35 °C)
• MB95FV100D-103
16.25 MHz
0.5 MHz
5.5
2.42
3 MHz
10 MHz
3.5
131.072 kHz
16.384 kHz
2.42
5.5
32 kHz
Source clock frequency (FSPL)
Sub PLL, sub clock mode and watch
mode operation guarantee range
PLL operation guarantee range
Source clock frequency (FSP)
PLL operation guarantee range
Main clock operation guarantee range
Main clock mode and main PLL mode
operation guarantee range
10 MHz
0.5MHz
2.7
3 MHz
5.5
131.072 kHz
16.384 kHz
2.7
32 kHz
5.5
3.5
16.25 MHz
Source clock frequency (FSPL)
Sub PLL, sub clock mode and
watch mode operation guarantee range
PLL operation guarantee range
Source clock frequency (FSP)
PLL operation guarantee range
Main clock operation guarantee range
Main clock mode and main PLL mode
operation guarantee range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com