Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 25 Page - fujitsu semiconductor

Part # MB95F128MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128MB Datasheet(HTML) 25 Page - fujitsu semiconductor

Back Button MB95F128MB Datasheet HTML 21Page - fujitsu semiconductor MB95F128MB Datasheet HTML 22Page - fujitsu semiconductor MB95F128MB Datasheet HTML 23Page - fujitsu semiconductor MB95F128MB Datasheet HTML 24Page - fujitsu semiconductor MB95F128MB Datasheet HTML 25Page - fujitsu semiconductor MB95F128MB Datasheet HTML 26Page - fujitsu semiconductor MB95F128MB Datasheet HTML 27Page - fujitsu semiconductor MB95F128MB Datasheet HTML 28Page - fujitsu semiconductor MB95F128MB Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
MB95120MB Series
25
The following general-purpose registers are provided:
General-purpose registers: 8-bit data storage registers
The general-purpose registers are 8 bits and located in the register banks on the memory. 1-bank contains 8
registers. Up to a total of 32 banks can be used on the MB95120MB series. The bank currently in use is indicated
by the register bank pointer (RP).8-register. Up to a total of 32 banks can be used on the MB95120MB series.
The bank currently in use is specified by the register bank pointer (RP), and the lower 3 bits of OP code indicates
the general-purpose register 0 (R0) to general-purpose register 7 (R7).
R0
R1
R2
R3
R4
R5
R6
R7
R0
This address = 0100H
+ 8 × (RP)
R1
R2
R3
R4
R5
R6
R7
R0
R1
R2
R3
R4
R5
R6
R7
Address 100H
107H
1F8H
1FFH
Bank 31
Bank 0
8-bit
• Register Bank Configuration
32 banks
Memory area
32 banks (RAM area)
The number of banks is
limited by the usable RAM
capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com