Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 36 Page - fujitsu semiconductor

Part # MB95F128MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128MB Datasheet(HTML) 36 Page - fujitsu semiconductor

Back Button MB95F128MB Datasheet HTML 32Page - fujitsu semiconductor MB95F128MB Datasheet HTML 33Page - fujitsu semiconductor MB95F128MB Datasheet HTML 34Page - fujitsu semiconductor MB95F128MB Datasheet HTML 35Page - fujitsu semiconductor MB95F128MB Datasheet HTML 36Page - fujitsu semiconductor MB95F128MB Datasheet HTML 37Page - fujitsu semiconductor MB95F128MB Datasheet HTML 38Page - fujitsu semiconductor MB95F128MB Datasheet HTML 39Page - fujitsu semiconductor MB95F128MB Datasheet HTML 40Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
MB95120MB Series
36
2.
Recommended Operating Conditions
(AVSS
= VSS = 0.0 V)
*1 : The values vary with the operating frequency, machine clock or analog guarantee range.
*2 : The value is 2.88 V when the low voltage detection reset is used.
*3 : Use a ceramic capacitor or a capacitor with equivalent frequency characteristics. A bypass capacitor of VCC
pin must have a capacitor value higher than CS. For connection of smoothing capacitor CS, refer to the diagram
below.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Condi-
tion
Value
Unit
Remarks
Min
Max
Power supply
voltage
VCC,
AVCC
⎯
2.42*1,*2
5.5*1
V
In normal operating
Other than
MB95FV100D-103
2.3
5.5
Hold condition in
STOP mode
2.7
5.5
In normal operating
MB95FV100D-103
2.3
5.5
Hold condition in
STOP mode
Power supply
voltage for LCD
V0 to V3
VSS
VCC
V
The range of liquid crystal power supply
(The optimal value depends on liquid
crystal display elements used.)
A/D converter
reference
input voltage
AVR
4.0
AVCC
V
Smoothing
capacitor
CS
0.1
1.0
µF*3
Operating
temperature
TA
− 40
+ 105
°C Other than MB95FV100D-103
+ 5
+ 35
°C MB95FV100D-103
C
CS
• C pin connection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com