Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 12 Page - fujitsu semiconductor

Part # MB95F128MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128MB Datasheet(HTML) 12 Page - fujitsu semiconductor

Back Button MB95F128MB Datasheet HTML 8Page - fujitsu semiconductor MB95F128MB Datasheet HTML 9Page - fujitsu semiconductor MB95F128MB Datasheet HTML 10Page - fujitsu semiconductor MB95F128MB Datasheet HTML 11Page - fujitsu semiconductor MB95F128MB Datasheet HTML 12Page - fujitsu semiconductor MB95F128MB Datasheet HTML 13Page - fujitsu semiconductor MB95F128MB Datasheet HTML 14Page - fujitsu semiconductor MB95F128MB Datasheet HTML 15Page - fujitsu semiconductor MB95F128MB Datasheet HTML 16Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
MB95120MB Series
12
(Continued)
Pin no.
Pin name
I/O
circuit
type*3
Function
LQFP *1
QFP *2
52
55
X1
A
Main clock oscillation pin
53
56
X0
54
57
MOD
B
An operating mode designation pin
55
58
P61/SEG33/
PPG11
M
General-purpose I/O port
The pins are shared with LCDC SEG output (SEG32,
SEG33) and 8/16-bit PPG ch.1 output (PPG10, PPG11) .
56
59
P60/SEG32/
PPG10
57
60
PE7/SEG31/
INT13
Q
General-purpose I/O port
The pins are shared with LCDC SEG output (SEG28 to
SEG31) and external interrupt input (INT10 to INT13) .
58
61
PE6/SEG30/
INT12
59
62
PE5/SEG29/
INT11
60
63
PE4/SEG28/
INT10
61
64
PE3/SEG27
M
General-purpose I/O port
The pins are shared with LCDC SEG output (SEG24 to
SEG27) .
62
65
PE2/SEG26
63
66
PE1/SEG25
64
67
PE0/SEG24
65
68
PD7/SEG23
M
General-purpose I/O port
The pins are shared with LCDC SEG output (SEG16 to
SEG23) .
66
69
PD6/SEG22
67
70
PD5/SEG21
68
71
PD4/SEG20
69
72
PD3/SEG19
70
73
PD2/SEG18
71
74
PD1/SEG17
72
75
PD0/SEG16
73
76
PC7/SEG15
M
General-purpose I/O port
The pins are shared with LCDC SEG output (SEG13 to
SEG15) .
74
77
PC6/SEG14
75
78
PC5/SEG13
76
79
VCC
⎯
Power supply pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com