Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 59 Page - fujitsu semiconductor

Part # MB95F128MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128MB Datasheet(HTML) 59 Page - fujitsu semiconductor

Back Button MB95F128MB Datasheet HTML 55Page - fujitsu semiconductor MB95F128MB Datasheet HTML 56Page - fujitsu semiconductor MB95F128MB Datasheet HTML 57Page - fujitsu semiconductor MB95F128MB Datasheet HTML 58Page - fujitsu semiconductor MB95F128MB Datasheet HTML 59Page - fujitsu semiconductor MB95F128MB Datasheet HTML 60Page - fujitsu semiconductor MB95F128MB Datasheet HTML 61Page - fujitsu semiconductor MB95F128MB Datasheet HTML 62Page - fujitsu semiconductor MB95F128MB Datasheet HTML 63Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
MB95120MB Series
59
(VCC
= 5.0 V ± 10%, AVSS = VSS = 0.0 V, TA = −40 °C to + 105 °C)
(Continued)
Parameter
Sym-
bol
Pin
name
Condition
Value*2
Unit
Remarks
Min
Max
SCL clock
“L” width
tLOW
SCL0
R
= 1.7 kΩ,
C
= 50 pF*1
(2
+ nm / 2) tMCLK − 20
⎯
ns
Master mode
SCL clock
“H” width
tHIGH
SCL0
(nm
/ 2) tMCLK − 20
(nm
/ 2 ) tMCLK + 20
ns
Master mode
Start condition
hold time
tHD;STA
SCL0
SDA0
(
−1 + nm / 2) tMCLK − 20
(
−1 + nm) tMCLK + 20
ns
Master mode
Maximum value is
applied when m,
n
= 1, 8.
Otherwise, the
minimum value is
applied.
Stop condition
setup time
tSU;STO
SCL0
SDA0
(1
+ nm / 2) tMCLK − 20 (1 + nm / 2) tMCLK + 20
ns
Master mode
Start condition
setup time
tSU;STA
SCL0
SDA0
(1
+ nm / 2) tMCLK − 20 (1 + nm / 2) tMCLK + 20
ns
Master mode
Bus free time
between stop
condition and
start condition
tBUF
SCL0
SDA0
(2 nm
+ 4) tMCLK − 20
⎯
ns
Data hold time tHD;DAT
SCL0
SDA0
3 tMCLK
− 20
⎯
ns
Master mode
Data setup
time
tSU;DAT
SCL0
SDA0
(
−2 + nm / 2) tMCLK − 20 (−1 + nm / 2) tMCLK + 20 ns
Master mode
When assuming
that “L” of SCL is
not extended, the
minimum value is
applied to first bit
of continuous
data.
Otherwise,
the maximum
value is applied.
Setup time
between
clearing
interrupt and
SCL rising
tSU;INT SCL0
(nm
/ 2) tMCLK − 20
(1 + nm
/ 2) tMCLK + 20
ns
Minimum value is
applied to interrupt
at 9th SCL
↓.
Maximum value is
applied to interrupt
at 8th SCL
↓.
SCL clock “L”
width
tLOW
SCL0
4 tMCLK
− 20
⎯
ns
At reception
SCL clock “H”
width
tHIGH
SCL0
4 tMCLK
− 20
⎯
ns
At reception
Start condition
detection
tHD;STA
SCL0
SDA0
2 tMCLK
− 20
⎯
ns
Undetected when
1 tMCLK is used at
reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com