Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB95F128MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128MB Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB95F128MB Datasheet HTML 1Page - fujitsu semiconductor MB95F128MB Datasheet HTML 2Page - fujitsu semiconductor MB95F128MB Datasheet HTML 3Page - fujitsu semiconductor MB95F128MB Datasheet HTML 4Page - fujitsu semiconductor MB95F128MB Datasheet HTML 5Page - fujitsu semiconductor MB95F128MB Datasheet HTML 6Page - fujitsu semiconductor MB95F128MB Datasheet HTML 7Page - fujitsu semiconductor MB95F128MB Datasheet HTML 8Page - fujitsu semiconductor MB95F128MB Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MB95120MB Series
4
■ PRODUCT LINEUP
(Continued)
MB95128MB
MB95F124MB
MB95F126MB
MB95F128MB
MB95F124NB
MB95F126NB
MB95F128NB
MB95F124JB
MB95F126JB
MB95F128JB
Type
MASK ROM
product
Flash memory product
ROM capacity*1
60 Kbytes (Max)
RAM capacity*1
2 Kbytes (Max)
Reset output
Yes/No
Yes
No
Clock system
Dual clock
Low voltage
detection reset
Yes/No
No
Yes
Clock supervisor
Yes/No
No
Yes
CPU functions
Number of basic instructions
: 136
Instruction bit length
: 8 bits
Instruction length
: 1 to 3 bytes
Data bit length
: 1, 8, and 16 bits
Minimum instruction execution time : 61.5 ns (at machine clock frequency 16.25 MHz)
Interrupt processing time
: 0.6
µs (at machine clock frequency 16.25 MHz)
Ports (Max 87 ports)
General-purpose I/O port (N-ch open drain)
: 2 ports
General-purpose I/O port (CMOS)
: 85 ports
Programmable input voltage levels of port :
Automotive input level
/ CMOS input level / hysteresis input level
Timebase timer
(1 channel)
Interrupt cycle : 0.5 ms, 2.1 ms, 8.2 ms, 32.8 ms (at main oscillation clock 4 MHz)
Watchdog timer
Reset generated cycle
At main oscillation clock 10 MHz
: Min 105 ms
At sub oscillation clock 32.768 kHz
: Min 250 ms
Wild register
Capable of replacing 3 bytes of ROM data
I2C
(1 channel)
Master/slave sending and receiving
Bus error function and arbitration function
Detecting transmitting direction function
Start condition repeated generation and detection functions
Built-in wake-up function
UART/SIO
(1 channel)
Data transfer capable in UART/SIO
Full duplex double buffer
Variable data length (5/6/7/8-bit), built-in baud rate generator
NRZ type transfer format, error detected function
LSB-first or MSB-first can be selected.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
LIN-UART
(1 channel)
Dedicated reload timer allowing a wide range of communication speeds to be set.
Full duplex double buffer.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
LIN functions available as the LIN master or LIN slave.
8/10-bit A/D converter
(12 channels)
8-bit or 10-bit resolution can be selected.
Parameter
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com