Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 79 Page - fujitsu semiconductor

Part # MB95F128MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128MB Datasheet(HTML) 79 Page - fujitsu semiconductor

Back Button MB95F128MB Datasheet HTML 72Page - fujitsu semiconductor MB95F128MB Datasheet HTML 73Page - fujitsu semiconductor MB95F128MB Datasheet HTML 74Page - fujitsu semiconductor MB95F128MB Datasheet HTML 75Page - fujitsu semiconductor MB95F128MB Datasheet HTML 76Page - fujitsu semiconductor MB95F128MB Datasheet HTML 77Page - fujitsu semiconductor MB95F128MB Datasheet HTML 78Page - fujitsu semiconductor MB95F128MB Datasheet HTML 79Page - fujitsu semiconductor MB95F128MB Datasheet HTML 80Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 79 / 80 page
background image
MB95120MB Series
79
■ MAIN CHANGES IN THIS EDITION
The vertical lines marked in the left side of the page show the changes.
Page
Section
Change Results
⎯⎯
Added the MB95128MB (MASK ROM product)
26
■ I/O MAP
Changed as follows for R/W of Reset source register
R
→ R/W
35
■ ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
For the operating temperature, the max rating is
changed;
+ 85 °C → + 105 °C
37 to 42, 44,
47 to 51, 53,
55 to 57,
59 to 63
Temperature conditions on table
Changed as follows
TA
= − 40 °C to + 85 °C → TA = − 40 °C to + 105 °C
42
■ ELECTRICAL CHARACTERISTICS
4. AC Characteristics (1) Clock Timing
Added “Main PLL multiplied by 4” in the Clock frequency
44
(2) Source Clock/Machine Clock
• Changed in the remarks of source clock cycle time
(when using main clock)
Min : FCH
= 16.25 MHz, PLL multiplied by 1
→ Min : FCH = 8.125 MHz, PLL multiplied by 2
• Changed the footnote of *1;
PLL multiplication of main clock (select from 1, 2, 2.5
multiplication)
→
PLL multiplication of main clock (select from 1, 2, 2.5,
4 multiplication)
• Added “ × 4” in the Main PLL of “• Outline of clock
generation block“
45
Changed as follows
• Operating voltage − Operating frequency (TA =
− 40 °C to + 85 °C) →
• Operating voltage − Operating frequency (TA =
− 40 °C to + 105 °C)
46
Changed the figure of
• Main PLL operation frequency
57
(8) I2C Timing
Added the *4
68 to 73
■ EXAMPLE CHARACTERISTICS
Added the
■ EXAMPLE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com