Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # MB95F128MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128MB Datasheet(HTML) 5 Page - fujitsu semiconductor

  MB95F128MB Datasheet HTML 1Page - fujitsu semiconductor MB95F128MB Datasheet HTML 2Page - fujitsu semiconductor MB95F128MB Datasheet HTML 3Page - fujitsu semiconductor MB95F128MB Datasheet HTML 4Page - fujitsu semiconductor MB95F128MB Datasheet HTML 5Page - fujitsu semiconductor MB95F128MB Datasheet HTML 6Page - fujitsu semiconductor MB95F128MB Datasheet HTML 7Page - fujitsu semiconductor MB95F128MB Datasheet HTML 8Page - fujitsu semiconductor MB95F128MB Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
MB95120MB Series
5
(Continued)
*1 : For ROM capacitance and RAM capacitance, refer to “
■ MEMORY LINEUP”.
*2 : For details of option, refer to “
■ MASK OPTION”.
*3 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Note : Part number of evaluation product in MB95120MB series is MB95FV100D-103. When using it, the MCU
board (MB2146-303A) is required.
MB95128MB
MB95F124MB
MB95F126MB
MB95F128MB
MB95F124NB
MB95F126NB
MB95F128NB
MB95F124JB
MB95F126JB
MB95F128JB
LCD controller
(LCDC)
COM output
: 4 (Max)
SEG output
: 40 (Max)
LCD drive power supply (bias) pin
: 4 (Max)
40 SEG
× 4 COM
: 160 pixels can be displayed.
Duty LCD mode
Operable in LCD standby mode
With blinking function
Built-in division resistance for LCD drive
16-bit reload timer
(1 channel)
Two clock modes and two counter operating modes can be selected.
Square waveform output
Count clock : 7 internal clocks and external clock can be selected.
Counter operating mode : reload mode or one-shot mode can be selected.
8/16-bit compound
timer (2 channels)
Each channel of the timer can be used as “8-bit timer
× 2 channels” or “16-bit timer ×
1 channel”.
Built-in timer function, PWC function, PWM function, capture function and square
waveform output
Count clock : 7 internal clocks and external clock can be selected.
16-bit PPG
(2 channels)
PWM mode or one-shot mode can be selected.
Counter operating clock : Eight selectable clock sources
Support for external trigger start
8/16-bit PPG
(2 channels)
Each channel of the PPG can be used as “8-bit PPG
× 2 channels” or “16-bit PPG ×
1 channel”.
Counter operating clock : Eight selectable clock sources
Watch counter
Count clock : Four selectable clock sources (125 ms, 250 ms, 500 ms, or 1 s)
Counter value can be set from 0 to 63 (Capable of counting for 1 minute when selecting
clock source 1 second and setting counter value to 60) .
Watch prescaler
(1 channel)
4 selectable interval times (125 ms, 250 ms, 500 ms, or 1 s)
External interrupt
(12 channels)
Interrupt by edge detection (rising, falling, or both edges can be selected.)
Can be used to recover from standby modes.
Flash memory
Supports automatic programming, Embedded AlgorithmTM *3
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of write/erase cycles (Minimum) : 10000 times
Data retention time : 20 years
Erase can be performed on each block
Block protection with external programming voltage
Dual operation Flash memory
Flash Security Feature for protecting the content of the Flash
Standby mode
Sleep, stop, watch, and timebase timer
Parameter
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com