Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 29 Page - fujitsu semiconductor

Part # MB95F128MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128MB Datasheet(HTML) 29 Page - fujitsu semiconductor

Back Button MB95F128MB Datasheet HTML 25Page - fujitsu semiconductor MB95F128MB Datasheet HTML 26Page - fujitsu semiconductor MB95F128MB Datasheet HTML 27Page - fujitsu semiconductor MB95F128MB Datasheet HTML 28Page - fujitsu semiconductor MB95F128MB Datasheet HTML 29Page - fujitsu semiconductor MB95F128MB Datasheet HTML 30Page - fujitsu semiconductor MB95F128MB Datasheet HTML 31Page - fujitsu semiconductor MB95F128MB Datasheet HTML 32Page - fujitsu semiconductor MB95F128MB Datasheet HTML 33Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
MB95120MB Series
29
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0073H
SWRE0
Flash memory sector writing control register 0
R/W
00000000B
0074H
SWRE1
Flash memory sector writing control register 1
R/W
00000000B
0075H
⎯
(Disabled)
⎯⎯
0076H
WREN
Wild register address compare enable register
R/W
00000000B
0077H
WROR
Wild register data test setting register
R/W
00000000B
0078H
⎯
Register bank pointer (RP) ,
Mirror of direct bank pointer (DP)
⎯⎯
0079H
ILR0
Interrupt level setting register 0
R/W
11111111B
007AH
ILR1
Interrupt level setting register 1
R/W
11111111B
007BH
ILR2
Interrupt level setting register 2
R/W
11111111B
007CH
ILR3
Interrupt level setting register 3
R/W
11111111B
007DH
ILR4
Interrupt level setting register 4
R/W
11111111B
007EH
ILR5
Interrupt level setting register 5
R/W
11111111B
007FH
⎯
(Disabled)
⎯⎯
0F80H
WRARH0
Wild register address setting register (upper byte) ch.0
R/W
00000000B
0F81H
WRARL0
Wild register address setting register (lower byte) ch.0
R/W
00000000B
0F82H
WRDR0
Wild register data setting register ch.0
R/W
00000000B
0F83H
WRARH1
Wild register address setting register (upper byte) ch.1
R/W
00000000B
0F84H
WRARL1
Wild register address setting register (lower byte) ch.1
R/W
00000000B
0F85H
WRDR1
Wild register data setting register ch.1
R/W
00000000B
0F86H
WRARH2
Wild register address setting register (upper byte) ch.2
R/W
00000000B
0F87H
WRARL2
Wild register address setting register (lower byte) ch.2
R/W
00000000B
0F88H
WRDR2
Wild register data setting register ch.2
R/W
00000000B
0F89H
to
0F91H
⎯
(Disabled)
⎯⎯
0F92H
T01CR0
8/16-bit compound timer 01 control status register 0 ch.0
R/W
00000000B
0F93H
T00CR0
8/16-bit compound timer 00 control status register 0 ch.0
R/W
00000000B
0F94H
T01DR
8/16-bit compound timer 01 data register ch.0
R/W
00000000B
0F95H
T00DR
8/16-bit compound timer 00 data register ch.0
R/W
00000000B
0F96H
TMCR0
8/16-bit compound timer 00/01 timer mode control register
ch.0
R/W
00000000B
0F97H
T11CR0
8/16-bit compound timer 11 control status register 0 ch.1
R/W
00000000B
0F98H
T10CR0
8/16-bit compound timer 10 control status register 0 ch.1
R/W
00000000B
0F99H
T11DR
8/16-bit compound timer 11 data register ch.1
R/W
00000000B
0F9AH
T10DR
8/16-bit compound timer 10 data register ch.1
R/W
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com