Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128MB Datasheet(PDF) 63 Page - fujitsu semiconductor

Part # MB95F128MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128MB Datasheet(HTML) 63 Page - fujitsu semiconductor

Back Button MB95F128MB Datasheet HTML 59Page - fujitsu semiconductor MB95F128MB Datasheet HTML 60Page - fujitsu semiconductor MB95F128MB Datasheet HTML 61Page - fujitsu semiconductor MB95F128MB Datasheet HTML 62Page - fujitsu semiconductor MB95F128MB Datasheet HTML 63Page - fujitsu semiconductor MB95F128MB Datasheet HTML 64Page - fujitsu semiconductor MB95F128MB Datasheet HTML 65Page - fujitsu semiconductor MB95F128MB Datasheet HTML 66Page - fujitsu semiconductor MB95F128MB Datasheet HTML 67Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
MB95120MB Series
63
5.
A/D Converter
(1) A/D Converter Electrical Characteristics
(AVcc
= Vcc = 4.0 V to 5.5 V, AVss = Vss = 0.0 V, TA = − 40 °C to + 105 °C)
Parameter
Symbol
Condi-
tion
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯
⎯
⎯⎯
10
bit
Total error
− 3.0
⎯
+ 3.0
LSB
Linearity error
− 2.5
⎯
+ 2.5
LSB
Differential linear error
− 1.9
⎯
+ 1.9
LSB
Zero transition voltage
VOT
AVss
−
1.5 LSB
AVss
+
0.5 LSB
AVss
+
2.5 LSB
V
Full-scale transition
voltage
VFST
AVR
−
3.5 LSB
AVR
−
1.5 LSB
AVR
+
0.5 LSB
V
Compare time
⎯
0.9
⎯
16500
µs
4.5 V
≤ AVcc ≤
5.5 V
1.8
⎯
16500
µs
4.0 V
≤ AVcc <
4.5 V
Sampling time
⎯
0.6
⎯∞
µs
4.5 V
≤ AVcc ≤
5.5 V,
At external
impedance < 5.4 k
Ω
1.2
⎯∞
µs
4.0 V
≤ AVcc <
4.5 V,
At external
impedance < 2.4 k
Ω
Analog input current
IAIN
−0.3
⎯+0.3
µA
Analog input voltage
VAIN
AVss
⎯
AVR
V
Reference voltage
⎯
AVss
+ 4.0
⎯
AVcc
V
AVR pin
Reference voltage
supply current
IR
⎯
600
900
µA
AVR pin,
During A/D
operation
IRH
⎯⎯
5
µA
AVR pin,
At stop mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com