Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MFKB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MFKB
Description  3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2548MFKB Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLV2548MFKB Datasheet HTML 26Page - Texas Instruments TLV2548MFKB Datasheet HTML 27Page - Texas Instruments TLV2548MFKB Datasheet HTML 28Page - Texas Instruments TLV2548MFKB Datasheet HTML 29Page - Texas Instruments TLV2548MFKB Datasheet HTML 30Page - Texas Instruments TLV2548MFKB Datasheet HTML 31Page - Texas Instruments TLV2548MFKB Datasheet HTML 32Page - Texas Instruments TLV2548MFKB Datasheet HTML 33Page - Texas Instruments TLV2548MFKB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
TLV2544Q, TLV2548Q, TLV2548M
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
SGLS119C – FEBRUARY 2002 – REVISED SEPTEMBER 2002
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–1.0
–0.5
0.0
0.5
1.0
0
4097.00
Samples
INTEGRAL NONLINEARITY
vs
SAMPLES
VCC = 2.7 V, Internal Reference = 2 V, Internal Oscillator,
Single Shot, Short Sample, Mode 00
µP Mode
Figure 28
–1.0
–0.5
0.0
0.5
1.0
0
4097.00
Samples
DIFFERENTIAL NONLINEARITY
vs
SAMPLES
VCC = 2.7 V, Internal Reference = 2 V, Internal Oscillator,
Single Shot, Short Sample, Mode 00
µP Mode
Figure 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com