Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MFKB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MFKB
Description  3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2548MFKB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2548MFKB Datasheet HTML 2Page - Texas Instruments TLV2548MFKB Datasheet HTML 3Page - Texas Instruments TLV2548MFKB Datasheet HTML 4Page - Texas Instruments TLV2548MFKB Datasheet HTML 5Page - Texas Instruments TLV2548MFKB Datasheet HTML 6Page - Texas Instruments TLV2548MFKB Datasheet HTML 7Page - Texas Instruments TLV2548MFKB Datasheet HTML 8Page - Texas Instruments TLV2548MFKB Datasheet HTML 9Page - Texas Instruments TLV2548MFKB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TLV2544Q, TLV2548Q, TLV2548M
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
SGLS119C – FEBRUARY 2002 – REVISED OCTOBER 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 1. TLV2544/TLV2548 Command Set
SDI D(15–12) BINARY
TLV2548 COMMAND
TLV2544 COMMAND
0000b
0h
Select analog input channel 0
Select analog input channel 0
0001b
1h
Select analog input channel 1
N/A
0010b
2h
Select analog input channel 2
Select analog input channel 1
0011b
3h
Select analog input channel 3
N/A
0100b
4h
Select analog input channel 4
Select analog input channel 2
0101b
5h
Select analog input channel 5
N/A
0110b
6h
Select analog input channel 6
Select analog input channel 3
0111b
7h
Select analog input channel 7
N/A
1000b
8h
SW power down (analog + reference)
1001b
9h
Read CFR register data shown as SDO D(11–0)
1010b
Ah plus data
Write CFR followed by 12-bit data, e.g., 0A100h means external reference,
short sampling, SCLK/4, single shot, INT
1011b
Bh
Select test, voltage = (REFP+REFM)/2
1100b
Ch
Select test, voltage = REFM
1101b
Dh
Select test, voltage = REFP
1110b
Eh
FIFO read, FIFO contents shown as SDO D(15–4), D(3–0) = 0000
1111b
Fh plus data
Reserved
1111b
Fh plus data
Reserved
configuration
Configuration data is stored in one 12-bit configuration register (CFR) (see Table 2 for CFR bit definitions). Once
configured after first power up, the information is retained in the H/W or S/W power down state. When the device
is being configured, a write CFR cycle is issued by the host processor. This is a 16-bit write. If the SCLK stops
after the first 8 bits are entered, then the next eight bits can be taken after the SCLK is resumed. The status of
the CFR can be read with a read CFR command when the device is programmed for one-shot conversion mode
(CFR D[6,5] = 00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com