Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MFKB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MFKB
Description  3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2548MFKB Datasheet(HTML) 2 Page - Texas Instruments

  TLV2548MFKB Datasheet HTML 1Page - Texas Instruments TLV2548MFKB Datasheet HTML 2Page - Texas Instruments TLV2548MFKB Datasheet HTML 3Page - Texas Instruments TLV2548MFKB Datasheet HTML 4Page - Texas Instruments TLV2548MFKB Datasheet HTML 5Page - Texas Instruments TLV2548MFKB Datasheet HTML 6Page - Texas Instruments TLV2548MFKB Datasheet HTML 7Page - Texas Instruments TLV2548MFKB Datasheet HTML 8Page - Texas Instruments TLV2548MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TLV2544Q, TLV2548Q, TLV2548M
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
SGLS119C – FEBRUARY 2002 – REVISED OCTOBER 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
In addition to a high-speed A/D converter and versatile control capability, these devices have an on-chip analog
multiplexer that can select any analog inputs or one of three internal self-test voltages. The sample-and-hold
function is automatically started after the fourth SCLK edge (normal sampling) or can be controlled by a special
pin, CSTART, to extend the sampling period (extended sampling). The normal sampling period can also be
programmed as short (12 SCLKs) or as long (24 SCLKs) to accommodate faster SCLK operation popular
among high-performance signal processors. The TLV2548 and TLV2544 are designed to operate with very low
power consumption. The power-saving feature is further enhanced with software/hardware/autopower-down
modes and programmable conversion speeds. The conversion clock (OSC) and reference are built-in. The
converter can use the external SCLK as the source of the conversion clock to achieve higher (up to 2.8
µs when
a 20 MHz SCLK is used) conversion speed. Two different internal reference voltages are available. An optional
external reference can also be used to achieve maximum flexibility.
The TLV2544Q and the TLV2548Q are characterized for operation from –40
°C to 125°C. The TLV2548M is
characterized for operation from –55
°C to 125°C.
functional block diagram
Command
Decode
SDI
CS
FS
EOC/(INT)
Low Power
12-BIT
SAR ADC
Control Logic
CSTART
PWDN
VCC
GND
REFP
4/2 V
Reference
S/H
OSC
Conversion
Clock
M
U
X
FIFO
12 Bit
× 8
CFR
SCLK
SDO
2548
A0
A1
A2
A3
A4
A5
A6
A7
REFM
2544
A0
X
A1
X
A2
X
A3
X
CMR (4 MSBs)
AVAILABLE OPTIONS
TA
20-SOIC
(DW)
16-SOIC
(D)
20-LCCC
(FK)
–40
°C to 125°C TLV2548QDW
TLV2544QD
—
–55
°C to 125°C
—
—
TLV2548MFK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com