Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MFKB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MFKB
Description  3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2548MFKB Datasheet(HTML) 4 Page - Texas Instruments

  TLV2548MFKB Datasheet HTML 1Page - Texas Instruments TLV2548MFKB Datasheet HTML 2Page - Texas Instruments TLV2548MFKB Datasheet HTML 3Page - Texas Instruments TLV2548MFKB Datasheet HTML 4Page - Texas Instruments TLV2548MFKB Datasheet HTML 5Page - Texas Instruments TLV2548MFKB Datasheet HTML 6Page - Texas Instruments TLV2548MFKB Datasheet HTML 7Page - Texas Instruments TLV2548MFKB Datasheet HTML 8Page - Texas Instruments TLV2548MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
TLV2544Q, TLV2548Q, TLV2548M
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
SGLS119C – FEBRUARY 2002 – REVISED OCTOBER 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
TLV2544
TLV2548
SDO
1
1
O
The 3-state serial output for the A/D conversion result. SDO is kept in the high-impedance state
when CS is high and after the CS falling edge and until the MSB (D15) is presented. The output
format is MSB (D15) first.
When FS is not used (FS = 1 at the falling edge of CS), the MSB (D15) is presented to the SDO pin
after the CS falling edge, and successive data are available at the rising edge of SCLK.
When FS is used (FS = 0 at the falling edge of CS), the MSB (D15) is presented to SDO after the
falling edge of CS and FS = 0 is detected. Successive data are available at the falling edge of SCLK.
(This is typically used with an active FS from a DSP.)
For conversion and FIFO read cycles, the first 12 bits are result from previous conversion (data)
followed by 4 don’t care bits. The first four bits from SDO for CFR read cycles should be ignored.
The register content is in the last 12 bits. SDO is 3-state (float) after the 16th bit.
REFM
14
18
I
External reference input or internal reference decoupling.
REFP
15
19
I
External reference input or internal reference decoupling. (Shunt capacitors of 10
µF and 0.1 µF
between REFP and REFM.) The maximum input voltage range is determined by the difference
between the voltage applied to this terminal and the REFM terminal when an external reference is
used.
VCC
5
5
I
Positive supply voltage
detailed description
analog inputs and internal test voltages
The 4/8 analog inputs and three internal test inputs are selected by the analog multiplexer depending on the
command entered. The input multiplexer is a break-before-make type to reduce input-to-input noise injection
resulting from channel switching.
converter
The TLV2544/48 uses a 12-bit successive approximation ADC utilizing a charge redistribution DAC. Figure 1
shows a simplified version of the ADC.
The sampling capacitor acquires the signal on Ain during the sampling period. When the conversion process
starts, the SAR control logic and charge redistribution DAC are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator into a balanced condition. When the comparator is
balanced, the conversion is complete and the ADC output code is generated.
Charge
Redistribution
DAC
Control
Logic
_
+
REFM
Ain
ADC Code
Figure 1. Simplified Model of the Successive-Approximation System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com