Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MFKB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MFKB
Description  3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2548MFKB Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2548MFKB Datasheet HTML 17Page - Texas Instruments TLV2548MFKB Datasheet HTML 18Page - Texas Instruments TLV2548MFKB Datasheet HTML 19Page - Texas Instruments TLV2548MFKB Datasheet HTML 20Page - Texas Instruments TLV2548MFKB Datasheet HTML 21Page - Texas Instruments TLV2548MFKB Datasheet HTML 22Page - Texas Instruments TLV2548MFKB Datasheet HTML 23Page - Texas Instruments TLV2548MFKB Datasheet HTML 24Page - Texas Instruments TLV2548MFKB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
TLV2544Q, TLV2548Q, TLV2548M
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
SGLS119C – FEBRUARY 2002 – REVISED OCTOBER 2002
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
5.5
V
Analog input voltage (see Note 3)
0
VCC
V
High level control input voltage, VIH
2.1
V
Low-level control input voltage, VIL
0.6
V
Setup time, tsu(CS-SCLK) CS falling edge before
SCLK rising edge (FS=1) or before SCLK falling
VCC = 4.5 V, SCLK = 20 MHz
20
ns
SCLK rising edge (FS=1) or before SCLK falling
edge (when FS is active)
VCC = 3 V, SCLK = 20 MHz
30
ns
Hold time, CS rising edge after SCLK rising edge
(FS=1) or after SCLK falling edge (when FS is
VCC = 4.5 V
10
ns
(FS=1) or after SCLK falling edge (when FS is
active), th(SCLK-CS)
VCC = 3 V
15
ns
Delay time, delay from CS falling edge to FS rising edge, td(CSL-FSH)
0.5
SCLKs
Delay time, delay time from 16th SCLK falling edge to CS rising edge (FS is active),
td(SCLK16L-CSH)
0.5
SCLKs
Setup time, FS rising edge before SCLK falling edge, tsu(FSH-SCLKL)
20
ns
Hold time, FS hold high after SCLK falling edge, th(FSH-SCLKL)
30
37
ns
Pulse width, CS high time, twH(CS)
100
ns
Pulse width, FS high time, twH(FS)
0.75
1
SCLKs
SCLK cycle time, VCC = 3 V to 3.6V, tc(SCLK)
67
10000
ns
SCLK cycle time, VCC = 4.5 V to 5.5V, tc(SCLK)
50
10000
ns
Pulse width SCLK low time t L(SCLK)
VCC = 4.5 V
22
ns
Pulse width, SCLK low time, twL(SCLK)
VCC = 3 V
27
ns
Pulse width SCLK high time t H(SCLK)
VCC = 4.5 V
22
ns
Pulse width, SCLK high time, twH(SCLK)
VCC = 3 V
27
ns
Setup time, SDI valid before falling edge of SCLK (FS is active) or the rising edge of
SCLK (FS=1), tsu(DI-SCLK)
25
ns
Hold time, SDI hold valid after falling edge of SCLK (FS is active) or the rising edge
of SCLK (FS=1), th(DI-SCLK)
5
ns
Delay time, delay from CS falling edge to SDO valid, td(CSL-DOV)
25
ns
Delay time, delay from FS falling edge to SDO valid, td(FSL-DOV)
25
ns
VCC =5 5V
SDO = 0 pF
0.5 SCLK
+ 5
Delay time, delay from SCLK falling edge (FS is
active) or SCLK rising edge (FS=1) to SDO valid
VCC = 5.5 V
SDO = 60 pF
0.5 SCLK
+ 24
ns
active) or SCLK rising edge (FS=1) to SDO valid,
td(SCLK-DOV)
VCC =3 3V
SDO = 0 pF
0.5 SCLK
+ 12
ns
VCC = 3.3 V
SDO = 60 pF
0.5 SCLK
+ 33
Delay time, delay from CS rising edge to SDO 3-state, td(CSH-DOZ)
80
ns
Delay time, delay from 17th SCLK rising edge (FS is active) or the 16th falling edge
(FS=1) to EOC falling edge, td(SCLK-EOCL)
45
ns
Delay time, delay from 16th SCLK falling edge to INT falling edge (FS =1) or from the
17th rising edge SCLK to INT falling edge (when FS active), td(SCLK-INT)
Min t(conv)
µs
Delay time, delay from CS falling edge to INT rising edge, td(CSL-INTH)
50
ns
Delay time, delay from CS rising edge to CSTART falling edge, td(CSH-CSTARTL)
100
ns
Delay time, delay from CSTART rising edge to EOC falling edge, td(CSTARTH-EOCL)
50
ns
Pulse width, CSTART low time, twL(CSTART)
Min t(sample)
µs
NOTE 3: When binary output format is used, analog input voltages greater than that applied to REFP convert as all ones (111111111111), while
input voltages less than that applied to REFM convert as all zeros (000000000000). The device is functional with reference down to
1 V. (VREFP – VREFM – 1); however, the electrical specifications are no longer applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com