Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MFKB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MFKB
Description  3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2548MFKB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2548MFKB Datasheet HTML 3Page - Texas Instruments TLV2548MFKB Datasheet HTML 4Page - Texas Instruments TLV2548MFKB Datasheet HTML 5Page - Texas Instruments TLV2548MFKB Datasheet HTML 6Page - Texas Instruments TLV2548MFKB Datasheet HTML 7Page - Texas Instruments TLV2548MFKB Datasheet HTML 8Page - Texas Instruments TLV2548MFKB Datasheet HTML 9Page - Texas Instruments TLV2548MFKB Datasheet HTML 10Page - Texas Instruments TLV2548MFKB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
TLV2544Q, TLV2548Q, TLV2548M
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
SGLS119C – FEBRUARY 2002 – REVISED OCTOBER 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
control and timing (continued)
Table 2. TLV2544/TLV2548 Configuration Register (CFR) Bit Definitions
BIT
DEFINITION
D11
Reference select
0: External
1: internal
D10
Internal reference voltage select
0: Internal ref = 4 V 1: internal ref = 2 V
D9
Sample period select
0: Short sampling 12 SCLKs (1x sampling time)
1: Long sampling 24 SCLKs (2x sampling time)
D(8–7)
Conversion clock source select
00: Conversion clock = internal OSC
01: Conversion clock = SCLK
10: Conversion clock = SCLK/4
11: Conversion clock = SCLK/2
D(6,5)
Conversion mode select
00: Single shot mode [FIFO not used, D(1,0) has no effect.]
01: Repeat mode
10: Sweep mode
11: Repeat sweep mode
D(4,3)†
TLV2548
TLV2544
Sweep auto sequence select
00: 0–1–2–3–4–5–6–7
01: 0–2–4–6–0–2–4–6
10: 0–0–2–2–4–4–6–6
11: 0–2–0–2–0–2–0–2
Sweep auto sequence select
00: N/A
01: 0–1–2–3–0–1–2–3
10: 0–0–1–1–2–2–3–3
11: 0–1–0–1–0–1–0–1
D2
EOC/INT – pin function select
0: Pin used as INT
1: Pin used as EOC
D(1,0)
FIFO trigger level (sweep sequence length)
00: Full (INT generated after FIFO level 7 filled)
01: 3/4 (INT generated after FIFO level 5 filled)
10: 1/2 (INT generated after FIFO level 3 filled)
11: 1/4 (INT generated after FIFO level 1 filled)
† These bits only take effect in conversion modes 10 and 11.
sampling
The sampling period starts after the first 4 input data are shifted in if they are decoded as one of the conversion
commands. These are select analog input (channel 0 through 7) and select test (channel 1 through 3).
normal sampling
When the converter is using normal sampling, the sampling period is programmable. It can be 12 SCLKs (short
sampling) or 24 SCLKs (long sampling). Long sampling helps when SCLK is faster than 10 MHz or when input
source resistance is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com