Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MFKB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MFKB
Description  3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2548MFKB Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV2548MFKB Datasheet HTML 20Page - Texas Instruments TLV2548MFKB Datasheet HTML 21Page - Texas Instruments TLV2548MFKB Datasheet HTML 22Page - Texas Instruments TLV2548MFKB Datasheet HTML 23Page - Texas Instruments TLV2548MFKB Datasheet HTML 24Page - Texas Instruments TLV2548MFKB Datasheet HTML 25Page - Texas Instruments TLV2548MFKB Datasheet HTML 26Page - Texas Instruments TLV2548MFKB Datasheet HTML 27Page - Texas Instruments TLV2548MFKB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
TLV2544Q, TLV2548Q, TLV2548M
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
SGLS119C – FEBRUARY 2002 – REVISED OCTOBER 2002
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range, VCC = VREFP
= 3 V to 5.5 V, SCLK frequency = 20 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
EL
Integral linearity error (INL) (see Note 5)
±1.2
LSB
ED
Differential linearity error (DNL)
See Note 4
±1
LSB
Q Suffix
±2
EO
Offset error (see Note 6)
See Note 4
M Suffix, TA = 25°C
and 125
°C
–4
+6
LSB
M Suffix, TA = –55°C
–4
+6.2
Q Suffix
±1.1
±4
EFS
Full scale error (see Note 6)
See Note 4
M Suffix, TA = 25°C
and 125
°C
–4
±1.1
+6
LSB
M Suffix, TA = –55°C
–4
±1.1
+7.6
SDI = B000h
800h
(2048D)
Self-test output code (see Table 1 and
Note 7)
SDI = C000h
000h (0D)
Note 7)
SDI = D000h
FFFh
(4095D)
Internal OSC
OSC = 3 MHz to 6 MHz
3.2
4.65
t(conv)
Conversion time
External SCLK
(14
DIV)
f
SCLK
µs
t(sample) Sampling time
With a maximum of 1-k
Ω input source
impedance
600
ns
† All typical values are at TA = 25°C.
NOTES:
4. Analog input voltages greater than that applied to REFP convert as all ones (111111111111), while input voltages less than that
applied to REFM convert as all zeros (000000000000).
5. Linear error is the maximum deviation from the best straight line through the A/D transfer characteristics.
6. Zero error is the difference between 000000000000 and the converted output for zero input voltage: full-scale error is the difference
between 111111111111 and the converted output for full-scale input voltage.
7. Both the input data and the output codes are expressed in positive logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com