Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MFKB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MFKB
Description  3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2548MFKB Datasheet(HTML) 5 Page - Texas Instruments

  TLV2548MFKB Datasheet HTML 1Page - Texas Instruments TLV2548MFKB Datasheet HTML 2Page - Texas Instruments TLV2548MFKB Datasheet HTML 3Page - Texas Instruments TLV2548MFKB Datasheet HTML 4Page - Texas Instruments TLV2548MFKB Datasheet HTML 5Page - Texas Instruments TLV2548MFKB Datasheet HTML 6Page - Texas Instruments TLV2548MFKB Datasheet HTML 7Page - Texas Instruments TLV2548MFKB Datasheet HTML 8Page - Texas Instruments TLV2548MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TLV2544Q, TLV2548Q, TLV2548M
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
SGLS119C – FEBRUARY 2002 – REVISED OCTOBER 2002
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
serial interface
INPUT DATA FORMAT
MSB
LSB
D15–D12
D11–D0
Command
Configuration data field
Input data is binary. All trailing blanks can be filled with zeros.
OUTPUT DATA FORMAT READ CFR
MSB
LSB
D15–D12
D11–D0
Don’t care
Register content
OUTPUT DATA FORMAT CONVERSION/READ FIFO
MSB
LSB
D15–D4
D3–D0
Conversion result
Don’t care
The output data format is binary (unipolar straight binary).
binary
Zero scale code = 000h, Vcode = VREFM
Full scale code = FFFh, Vcode = VREFP – 1 LSB
control and timing
power up and initialization requirements
D Determine processor type by writing A000h to the TLV2544/48 (CS must be toggled)
D Configure the device (CS must make a high-to-low transition, then can be held low if in DSP mode; i.e.,
active FS.)
The first conversion after power up or resuming from power down is not valid.
start of the cycle:
D When FS is not used (FS = 1 at the falling edge of CS), the falling edge of CS is the start of the cycle.
D When FS is used (FS is an active signal from a DSP), the falling edge of FS is the start of the cycle.
first 4-MSBs: the command register (CMR)
The TLV2544/TLV2548 have a 4-bit command set (see Table 1) plus a 12-bit configuration data field. Most of
the commands require only the first 4 MSBs, i.e., without the 12-bit data field.
NOTE:
The device requires a write CFR (configuration register) with 000h data (write A000h to the serial
input) at power up to initialize host select mode.
The valid commands are listed in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com