Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MFKB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MFKB
Description  3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2548MFKB Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV2548MFKB Datasheet HTML 19Page - Texas Instruments TLV2548MFKB Datasheet HTML 20Page - Texas Instruments TLV2548MFKB Datasheet HTML 21Page - Texas Instruments TLV2548MFKB Datasheet HTML 22Page - Texas Instruments TLV2548MFKB Datasheet HTML 23Page - Texas Instruments TLV2548MFKB Datasheet HTML 24Page - Texas Instruments TLV2548MFKB Datasheet HTML 25Page - Texas Instruments TLV2548MFKB Datasheet HTML 26Page - Texas Instruments TLV2548MFKB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
TLV2544Q, TLV2548Q, TLV2548M
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
SGLS119C – FEBRUARY 2002 – REVISED OCTOBER 2002
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = VREFP =
3 V to 5.5 V, SCLK frequency = 20 MHz at 5 V, 15 MHz at 3 V (unless otherwise noted) (continued)
ac specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal-to-noise ratio +distortion
fI = 12 kHz at 200 KSPS
65
71
dB
THD
Total harmonic distortion
fI = 12 kHz at 200 KSPS
TA = –55°C
–82
–73
dB
THD
Total harmonic distortion
fI = 12 kHz at 200 KSPS
All other temperatures
–82
–75
dB
ENOB
Effective number of bits
fI = 12 kHz at 200 KSPS
11.6
Bits
SFDR
Spurious free dynamic range
fI = 12 kHz at 200 KSPS
–84
–75
dB
Analog input
Full power-bandwidth, –3 dB
1
MHz
Full-power bandwidth, –1 dB
500
kHz
reference specifications (0.1
µF and 10 µF between REFP and REFM pins)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive reference input voltage, REFP
VCC = 3 V to 5.5 V
2
VCC
V
Negative reference input voltage, REFM
VCC = 3 V to 5.5 V
0
2
V
VCC =5 5V
CS = 1,
SCLK = 0, (off)
100
M
Ω
Reference Input impedance
VCC = 5.5 V
CS = 0,
SCLK = 20 MHz (on)
20
25
k
Ω
Reference Input impedance
VCC =3V
CS = 1,
SCLK = 0 (off)
100
M
Ω
VCC = 3 V
CS = 0,
SCLK = 20 MHz (on)
20
25
k
Ω
Reference Input voltage difference, REFP – REFM
VCC = 3 V to 5.5 V
2
VCC
V
VCC = 5.5 V
VREF SELECT = 4 V
3.85
4
4.15
V
Internal reference voltage, REFP – REFM
VCC = 5.5 V
VREF SELECT = 2 V
1.925
2
2.075
V
VCC = 3 V
VREF SELECT = 2 V
1.925
2
2.075
V
Internal reference start-up time
VCC = 5.5 V, 3 V with 10 µF compensation cap
20
ms
Internal reference temperature coefficient
VCC = 3 V to 5.5 V
16
40†
PPM/
°C
† Not assured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com