| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 469 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 469 Page - Freescale Semiconductor, Inc |
|
469 / 1386 page ![]() Memory Controller MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 11-49 11.4.12.1 SDRAM Configuration Example (Page-Based Interleaving) Consider the following SDRAM organization: • 64-bit port size, organized as eight 64-Mbit devices, each organized as 8M x 8bits. • Each device has 4 internal banks, 12 rows, and 9 columns For page-based interleaving, the address bus should be partitioned as shown in Table 11-22. The following parameters can be extracted: • PSDMR[PBI] = 1—Page-based interleaving •ORx[BPD] = 01—Four internal banks •ORx[ROWST] = 0110—Row starts at A[6] •ORx[NUMR] = 011—Twelve row lines Now, from the SDRAM device point of view, during an ACTIVATE command, its address port should look like Table 11-23. Table 11-20 on page 11-38 indicates that to multiplex A[6–17] over A[17–28], PSDMR[SDAM] must be 011 and, because the internal bank selects are multiplexed over A[15–16], PSDMR[BSMA] must be 010 (only the lower two bank select lines are used). When using bank-based interleaving, the internal bank-select signals that are multiplexed over the address lines should be adjacent to the row address during the ACTIVATE command (refer to Table 11-23). So, the value of PSDMR[BSMA] is selected according to the combination of PSDMR[SDAM], ORx[ROWST], and ORx[NUMR]. Otherwise, the output of the BNKSEL pins could be incorrect even if the device is connected to the BNKSEL pins. To ensure proper connection, note that BNKSEL0 is msb and BNKSEL2 is lsb as stated in Table 6-1. When using page-based interleaving, the internal bank-select signals that are mutilplexed over the address lines are determined only by PSDMR[BSMA] during the ACTIVATE command. The output of the BNKSEL pins are not affected by the PSDMR[BSMA] value. During a READ/WRITE command, the address port should look like Table 11-24. Table 11-22. 60x Address Bus Partition A[0–5] A[6–17] A[18–19] A[20–28] A[29–31] msb of start address Row Bank select Column lsb Table 11-23. SDRAM Device Address Port during ACTIVATE Command “A[0–14]” A[15–16] A[17–28] A[29–31] — Internal bank select (A[18–19]) Row (A[6–17]) n.c. Table 11-24. SDRAM Device Address Port during READ/WRITE Command “A[0–14]” A[15–16] A[17] A[18] A[19] A[20–28] A[29–31] — Internal bank select Don’t care AP Don’t care Column n.c. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |