| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 471 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 471 Page - Freescale Semiconductor, Inc |
|
471 / 1386 page ![]() Memory Controller MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 11-51 Now, from the SDRAM device point of view, during an ACTIVATE command, its address port should look like Table 11-27. Table 11-20. indicates that in order to multiplex A[6–19] over A[15–28] PSDMR[SDAM] must be 001 and, because the internal bank selects are multiplexed over A[15–16] PSDMR[BSMA] must be 010 (only the lower two bank select lines are used). During a READ/WRITE command, the address port should look like Table 11-28. Because AP alternates with A[9] of the row lines, set PSDMR[SDA10] = 011. This outputs A[9] on the SDA10 line during the ACTIVATE command and AP during READ/WRITE and CBR commands. Table 11-29. shows the register configuration. Not shown are PSRT and MPTPR, which should be programmed according to the device refresh requirements. Table 11-27. SDRAM Device Address Port During ACTIVATE Command A[0–14] A[15–16] A[17–28] A[29–31] — Internal bank select (A[6–7]) Row (A[8–19]) n.c. Table 11-28. SDRAM Device Address Port During READ/WRITE Command A[0–14] A[15–16] A[17] A[18] A[19] A[20–28] A[29–31] — Internal bank select Don’t care AP Don’t care Column n.c. Table 11-29. Register Settings (Bank-Based Interleaving) Register Settings BR x BA Base address PS00 = 64-bit port size DECC00 WP0 MS010 = SDRAM-60x bus EMEMC0 ATOM00 DR0 V1 OR x SDAM 1111_1100_0000 LSDAM 00000 BPD 01 ROWST 010 NUMR 011 PMSEL 0 IBID 0 PSDMR PBI 0 RFEN 1 OP 000 SDAM 001 BSMA 010 SDA10 011 RFRC from device data sheet PRETOACT from device data sheet ACTTOROW from device data sheet BL 0 LDOTOPRE from device data sheet WRC from device data sheet EAMUX 0 BUFCMD 0 CL from device data sheet |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |