Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1054 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1054 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1050Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1051Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1052Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1053Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1054Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1055Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1058Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1054 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-94
Freescale Semiconductor
Table 31-51 describes FIRPERx fields.
31.15.1.5 FCC Internal Rate Event Registers (FIRER
x)
Transmit internal rate underrun (TIRU) errors are reported for any PHY that has a transmission deficiency
of 8 cells. Under this condition and in internal rate mode only, FCCE[TIRU] is set, and if the corresponding
bit in the FCC mask register (FCCM[TIRU]) is set, an interrupt is generated. If TIREM = 1, the TIRU
status per PHY can be read at any time in the FCC internal rate event register (FIRER). Once
FIRER[TIRUy] error status is set, it can be cleared only by writing 1 to it. To prevent an underrun PHY
from continuously reporting errors, it can be disabled by FIRPER. The sequence of disabling a PHY is as
follows:
•
Disable PHY y by clearing FIRPER[y]
•
Clear event FIRER[y] by writing 1 to it
•
Clear event FCCE[TIRU] by writing 1 to it
012
345678
9
10
11
12
13
14
15
Field
PE0
PE1
PE2
PE3
PE4
PE5
PE6
PE7
PE8
PE9
PE10 PE11 PE12 PE13 PE14 PE15
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11380 (FIRPER1), 0x113A0 (FIRPER2)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field PE16 PE17 PE18 PE19 PE20 PE21 PE22 PE23 PE24 PE25 PE26 PE27 PE28 PE29 PE30
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11382 (FIRPER1), 0x113A2 (FIRPER2)
Figure 31-64. FCC Transmit Internal Rate Port Enable Register (FIRPER
x)
Table 31-51. FIRPER
x Field Descriptions (TIREM=1)
Bit
Name
Description
0–15
PEy
Port enable
0 Transmit internal rate for PHY address y is disabled. TxClav from this PHY is masked.
1 Transmit Internal rate for PHY address y is enabled. The rate assigned for PHY y is selected by
register FIRSR_HI (refer to Section 31.15.1.6, “FCC Internal Rate Selection Registers
(FIRSRx_HI, FIRSRx_LO)”).
16–30
PEy
Port enable.
0 Transmit internal rate for PHY address y is disabled. TxClav from this PHY is masked.
1 Transmit Internal rate for PHY address y is enabled. The rate assigned for PHY y is selected by
register FIRSR_LO (refer to Section 31.15.1.6, “FCC Internal Rate Selection Registers
(FIRSRx_HI, FIRSRx_LO)”).
31
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com