Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4956C Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 55Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 56Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 57Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 58Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 59Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 60Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 61Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 62Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 286 page
background image
Chapter 2 Features
2-11
Table 2.2.9 Power Supply
Signal Name
Pin No.
I/O
Function
VccPLL
A3
−
Vcc for the PLL
This is a static Vcc for the internal Phase Locked Loop. (Apply a 1.25 V power supply.)
VssPLL
A4
−
Vss for the PLL
This is a static Vss for the internal Phase Locked Loop.
VccIO
F3, F4, F5,
F6, F7D3,
D4, D5, D6,
D7, E3, E4,
E5, E6, E7,
L10, L11,
L12, M10,
M11, M12,
K10, K11,
K12, K13
−
VccIO
This is a 3.3 V or 2.5 V power supply pin.
VccInt
C11, C12,
F11, F12,
F13, D11,
D12, D13,
E11, E12,
E13, M4,
M5, M6, K4,
K5, K6, L4,
L5, L6
−
VccInt
This is a 1.25 V power supply pin.
Vss
C10, F8, F9,
F10, D8, D9,
D10, G3,
G4, G4, G6
G10, G11,
G12, G13,
E8, E9, E10,
H3, H4, H5,
H6, H10,
H11, H12,
H13, L7, L8,
L9, J3, J4,
J5, J6, J10,
J11, J12,
J13, M7, M8,
M9, K7, K8,
K9
−
Vss
This is the ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com