Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4956C Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 64Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 65Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 66Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 67Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 68Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 69Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 70Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 71Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-8
3.2.6
Wired Register (Reg
#6)
The Wired register is a read/write register specifies the boundary between the wired and random entries
of the TLB as follows. Wired entries are non-replaceable entries, which can not be overwritten by a TLB
write random operation. Random entries can be overwritten.
The Wired register is set to 0 upon system reset. Writing this register also sets the Random register to
the value of its upper bound.
Figure 3.2.6 shows the format of the Wired register and Table 3.2.7 describes the Wired register fields.
31
6 5
0
0
Wired
Figure 3.2.6 Wired Register
Table 3.2.7 Wired Register Filed Descriptions
Bit(s)
Field Name
Description
Cold Reset
Read/Write
31:6
0
Reserved
(Must be written as zeroes, and returns zeroes when read.)
0x0
Read
5:0
Wired
TLB Wired boundary.
0x0
Read/Write
TLB
47
0
Range of Random entries
Range of Wired entries
Wired Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com