Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4956C Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 12Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 13Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 14Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 15Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 16Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 17Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 18Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 19Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 286 page
background image
Handling Precautions
4
2.1
General Precautions Regarding Semiconductor Products
Prohibited
The absolute maximum ratings of a semiconductor device are a set of ratings that must not be
exceeded, even for a moment. Do not exceed any of these ratings.
Exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result
injury by explosion or combustion.
Prohibited
Do not insert devices in the wrong orientation or incorrectly. Make sure that the positive and
negative terminals of power supplies are connected properly. Otherwise, the current or power
consumption may exceed the absolute maximum rating, and exceeding the rating(s) may cause
the device breakdown, damage or deterioration, and may result injury by explosion or combustion.
In addition, do not use any device that is applied the current with inserting in the wrong orientation
or incorrectly even just one time.
Prohibited
Do not touch the heat sink of the device while the device is on or immediately after the device has
been turned off.
Heat sinks become hot. Contact to the heat sink may result in a burn.
Prohibited
Do not touch the lead tips of a device.
Some devices have leads withsharp tips. Contact to sharp tips may result in a puncture wound.
Instructions
On the evaluation, inspection or test, be sure to connect the test equipment’s electrodes or probes
to the pins of the device before turning the power on. When you have finished, discharge any
electrical charge remaining in the device.
Insufficient connection, wrong power-on timing or incomplete discharge may cause electric shock,
resulting in injury.
Instructions
Check that there is no electrical leakage before grounding measuring equipment or a solder iron.
Electrical leakage may cause the device you are testing or soldering to electrically break down or
may cause electric shock.
Instructions
Always wear safety glasses when cutting the leads of a device with clippers or a similar tool.
Failure to do so may result in eye damage from the small shavings that fly off the cut ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com