Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4956C Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 65Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 66Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 67Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 68Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 69Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 70Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 71Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 72Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-9
3.2.7
BadVAddr Register (Reg
#8)
The Bad Virtual Address (BadVAddr) register is a read only register that displays the most recent
virtual address that cause one of the following exceptions; Address Error, TLB Invalid, TLB Modified
and TLB Refill exceptions.
The processor does not write to this register when the EXL bit in the Status register is set to a 1.
Figure 3.2.7 shows the formats of the BadVAddr register and Table 3.2.8 describes the BadVAddr
register fields.
31
0
Bad Virtual Address
(32-bit mode)
63
0
Bad Virtual Address
(64-bit mode)
Figure 3.2.7 BadVAddr Register Formats
Table 3.2.8 BadVAddr Register Field Descriptions
32-bit mode
Bit(s)
Field Name
Description
Cold Reset
Read/Write
31:0
BadVAddr
Bad Virtual address
Undefined
Read
64-bit mode
Bit(s)
Field Name
Description
Cold Reset
Read/Write
63:0
BadVAddr
Bad Virtual address
Undefined
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com