Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4956C Datasheet(PDF) 73 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 73 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 69Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 70Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 71Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 72Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 73Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 74Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 75Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 76Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 77Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-13
3.2.11
Status Register (Reg
#12)
The Status register is a read/write register that contains the operating mode, interrupt enabling, and
diagnostic states of the processor. The more important Status register fields are as followings:
•
The Interrupt Mask (IM) field of 8 bits controls the enabling of eight interrupt conditions.
Interrupt must be enabled before they can be asserted, and the corresponding bits are set in both
the IM field of this register and the Interrupt Pending field of the Cause register.
•
The Coprocessor Usability (CU) field of 4 bits controls the usability of four possible
coprocessors. Regardless of the CU0 bit setting, CP0 is always usable in Kernel mode.
•
The Diagnostic Status (DS) field of 9 bits is used for self-testing, and checks the cache and
virtual memory system.
•
The Reverse Endian (RE) bit reverses the endianness. The processor can be configured as either
little/big-endian at reset; reverse-endian selection is used in Kernel and Supervisor modes, and
in the User mode when the RE bit is 0. Setting the RE bit to 1 inverts the User mode endianness.
Figure 3.2.11 shows the format of the Status register and Table 3.2.12 describes the Status register field.
31
28
27
26
25
24
16 15
8
7
6
5
4
3
2
1
0
CU
0
FR
RE
DS
IM
KX
SX
UX
KSU
ERL
EXL
IE
24 23
22
21
20
19
18
17
16
0
BEV
0
SR
0
CH
0
0
Figure 3.2.11 Status Register Format
Table 3.2.12 Status Register Field Descriptions
Bit(s)
Field Name
Description
Cold Reset
Read/Write
31:28
CU
(3, 2, 1, 0)
Controls the usability of each of the four coprocessor unit
numbers. CP0 is always usable when in Kernel mode,
regardless of the setting of the CU0 bit.
0: unusable
1: usable
0000
Read/Write
27
0
Reserved
0
Read
26
FR
Number of floating-point registers(FPR)
0: 64-bit wide 16 FPRs
1: 32-bit wide 32 FPRs
See Section 3.3.1, “Floating-Point General Registers” in
detail.
0
Read/Write
25
RE
Reverse-Endian bit, valid in User mode.
0
Read/Write
24:23
0
Reserved
0x0
Read
22
BEV
Controls the location of TLB refill and general exception
vectors.
0: normal
1: bootstrap
1
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com