Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4956C Datasheet(PDF) 99 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 99 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 95Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 96Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 97Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 98Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 99Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 100Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 101Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 102Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 103Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 286 page
background image
Chapter 4 Memory Management System
4-5
4.2
Operating Modes
The processor has the three operating modes, User mode, Supervisor mode and Kernel mode, for 32- and
64-bit operation. The KSU, EXL and ERL bit in the Status register select User, Supervisor or Kernel mode.
The UX, SX and KX bit in the Status register select 32- or 64-bit addressing in user, supervisor and kernel
mode respectively.
KSU
EXL
ERL
UX
SX
KX
Mode
10
0
0
0
–
–
32-bit addressing in user mode
10
0
0
1
–
–
64-bit addressing in user mode
01
0
0
–
0
–
32-bit addressing in supervisor mode
01
0
0
–
1
–
64-bit addressing in supervisor mode
00
–
–
–
–
0
32-bit addressing in kernel mode
–
1
–
–
–
0
32-bit addressing in kernel mode
–
–
1
–
–
0
32-bit addressing in kernel mode
00
–
–
–
–
1
64-bit addressing in kernel mode
–
1
–
–
–
1
64-bit addressing in kernel mode
–
–
1
–
–
1
64-bit addressing in kernel mode
4.2.1
User Mode Operations
In User mode, a single, uniform virtual address space-labelled User segment-is available; its size is:
•
2 Gbytes (2
31 bytes) in 32-bit mode (useg)
•
1 Tbytes (2
40 bytes) in 64-bit mode (xuseg)
Figure 4.2.1 shows User mode virtual address space.
Figure 4.2.1 User Mode Virtual Address Space
Note:
In 32-bit mode, bit 31 is sign-extended through bits 63-32. Failure results in an address
error exception.
The User segment starts at address 0 and the current active user process resides in either useg (in 32-bit
mode) or xuseg (in 64-bit mode). The TLB identically maps all references to useg/xuseg from all modes,
and controls cache accessibility.
The processor operates in User mode when the Status register contains the following bit-values:
•
KSU bits = 102
•
EXL = 0
•
ERL = 0
0x 0000 0000 0000 0000
0x 0000 0100 0000 0000
0x FFFF FFFF FFFF FFFF
xuseg
useg
0x 0000 0000
0x 8000 0000
0x FFFF FFFF
64-bit
32-bit
(Note)
2 GB
Mapped
Cacheable
Address
Error
1 TB
Mapped
Cacheable
Address
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com