Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4956C Datasheet(PDF) 89 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 89 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 85Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 86Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 87Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 88Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 89Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 90Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 91Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 92Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 93Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-29
3.3
Floating-Point Unit, CP1
The floating-point operations fully conform to the requirements of ANSI/IEEE Standard 754-1985, IEEE
Standard for Binary Floating-Point Arithmetic
3.3.1
Floating-Point General Registers (FGRs)
CP1 has a set of Floating-Point General Purpose registers (FGRs) that can be accessed in the following
ways:
•
As 32 general purpose registers (32 FGRs), each of which is 32-bits wide when the FR bit in the
CPU Status register equals 0; or as 32 general purpose registers (32 FGRs), each of which is
64-bits wide when FR equals 1. The CPU accesses these registers through move, load, and store
instructions.
•
As 16 floating-point registers (see the next section for a description of FPRs), each of which is
64-bits wide, when the FR bit in the CPU Status register equals 0. The FPRs hold values in
either single- or double-precision floating-point format. Each FPR corresponds to adjacently
numbered FGRs as shown in Figure 3.3.1.
•
As 32 floating-point registers (see the next section for a description of FPRs), each of which is
64-bits wide, when the FR bit in the CPU Status register equals 1. The FPRs hold values in
either single- or double-precision floating-point format. Each FPR corresponds to an FGR as
shown in Figure 3.3.1.
Floating-point
Registers (FPR)
(FR
= 0)
Floating-Point
General Purpose Registers
Floating-point
Registers (FPR)
(FR
= 1)
Floating-Point
General Purpose Registers
31
(FGR)
0
63
(FGR)
0
(least)
FGR0
FPR0
FGR0
FPR0
(most)
FGR1
FPR1
FGR1
(least)
FGR2
FPR2
FGR2
FPR2
(most)
FGR3
FPR3
FGR3
•
•
•
•
•
•
(least)
FGR28
FPR28
FGR28
FPR14
(most)
FGR29
FPR29
FGR29
(least)
FGR30
FPR30
FGR30
FPR15
(most)
FGR31
FPR31
FGR31
Floating-point
Control Registers
(FCR)
Control/Status Register
Implementation/Revision Register
31
(FCR31)
0
31
(FCR0)
0
Figure 3.3.1 FP Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com