Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4956C Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 21Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 22Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 23Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 24Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 25Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 26Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 27Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 28Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 286 page
background image
Handling Precautions
13
(7) Ensure, to the extent possible, that any articles (such as clipboards) which are brought to a static electricity
control area are constructed of anti-static materials.
(8) When the human body is to come in direct contact with a device, wear anti-static finger covers or gloves.
(9) The material of equipment safety covers located near devices should have a resistance rating of 1 x 109
Ω or
less.
(10) If a wrist strap cannot be used and there is a possibility of imparting friction to devices, use an ionizer.
(11) The transport film used in tape carrier products is manufactured from materials in which static electricity
readily builds up. When using these products, use an ionizer to prevent the film from being charged. Also,
to ensure than no static electricity will be applied to the copper foil area, take measures to prevent
electrostatic discharge failure of peripheral equipment.
3.1.2
Vibration, Impact and Stress
Handle devices and packaging with care. Dropping or applying impact to
devices or packaging causes device damage. Ensure that devices and packaging
are not subjected to mechanical vibration or impact to the extent possible.
Hollow canister-type devices and ceramic sealed devices contain unsecured
wires, making them more susceptible to vibration and impact than plastic
sealed devices.
When a location such as a soldered area, connecting area or top surface of a device is subjected to vibration,
impact or stress in actual equipment, bonding fault or device destruction may result. Therefore, be sure to keep
this in mind at the time of structural design. If a device is subject to especially strong vibration, impact or stress,
the package or chip may crack. If stress is applied to a semiconductor chip through the package, changes in the
resistance of the chip may result due to piezoelectric effects, resulting in fluctuation in element characteristics.
Furthermore, if a stress that does not instantly result in damage is applied continually for a long period of time,
product deformation may result, causing defects such as disconnection or element failure. Thus, at the time of
structural design, carefully consider vibration, impact and stress.
3.2
Storage
3.2.1
General Packaged Products
(1) Avoid storage locations where devices may be exposed to
moisture or direct sunlight.
(2) Follow the precautions printed on the packing label of the
device for transportation and storage.
(3) Keep the storage location temperature and humidity within a
range of 5
°C to 35°C and 45% to 75%, respectively.
Vibration
Humidity:
Temperature:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com