Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4956C Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 17Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 18Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 19Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 20Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 21Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 22Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 23Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 24Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 286 page
background image
Handling Precautions
9
Prohibited
(Applicable only to mini SD)
While writing data to or reading data from the Product, do not turn off the power, remove the Product or
the miniSD adapter from the device, or permit the Product or device to be shaken or impacted.
Prohibited
(Applicable only to mini SD)
Do not insert, remove or change the Product while the miniSD adapter is still inserted into a device.
This may cause product failure or the destruction or loss of data.
Prohibited
(Applicable only to mini SD)
Do not insert into a device the miniSD adapter that does not contain the Product. This may cause
improper function on the device.
Prohibited
(Applicable only to mini SD)
Do not insert into the miniSD adapter a memory card other than the Product or other foreign object.
This may cause product failure.
Prohibited
While writing data to or reading data from the Product, do not turn off the power, remove the Product
from the device, or permit the Product or device to be shaken or impacted.
Prohibited
(Applicable only to USB flash memory)
Performing the following operations with the Product connected to your PC may cause improper
function on your PC.
- Booting - Rebooting - Resuming from standby or suspended mode
Please perform these operations after removing the Product from your computer.
Instructions
The Product comes pre-formatted. When formatting, all data stored in the Product will be lost, so make
sure to back up the data on the Product. Please use functions relevant to the Product.
(Applicable to SD, mini SD and compact flash)
Formatting with other devices, for example PCs, may cause problems such as the inability to read,
write, or delete data.
Instructions
(Applicable only to USB flash memory)
Please take note of the following when formatting the Product using Windows XP or Windows 2000.
·
Log in as a user with administrator access rights. The Product cannot be formatted while
logged in as a user with limited access rights.
·
Format the Product as FAT. It may not format properly as NTFS or FAT32.
Instructions
When removing the Product from the slot or the USB port of a PC, first follow the removal (stop)
procedure for your operating system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com