Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4956C Datasheet(PDF) 86 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 86 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 82Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 83Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 84Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 85Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 86Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 87Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 88Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 89Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 90Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-26
3.2.20
TagLo Register (Reg
#28) and TagHi Register (Reg#29)
The TagLo and TagHi registers are a read/write registers. These registers hold the primary cache tag for
cache lock function or cache diagnostics. These registers are written by the CACHE/MTC0 instruction.
Figure 3.2.20 shows the formats of the TagLo and TagHi registers and Table 3.2.21 describes the TagLo
and TagHi registers field.
31
8 7
6 5
3
2
1
0
PTagLo
PState
RWNT
Lock
F0
0
(TagLo)
31
30
29
0
F1
PTagLo1
0
(TagHi)
Figure 3.2.20 TagLo and TagHi Register Formats
Table 3.2.21 TagLo and TagHi Register Field Descriptions
TagLo
Bit(s)
Field Name
Description
Cold Reset
Read/Write
31:8
PTagLo
Bits 35-12 of the physical address
0x0
Read/Write
7:6
PState
Specifies the primary cache state
0: Invalid
1: Reserved
2: Reserved
3: Valid
0x0
Read/Write
5:3
RWNT
Read/Write bits required for Windows NT
0x0
Read/Write
2
Lock
Lock bit (0: not locked, 1: locked)
0
Read/Write
1
F0
FIFO Replace bit 0 (indicates the set to be replaced)
0
Read/Write
0
0
Reserved
0
Read
TagHi
Bit(s)
Field Name
Description
Cold Reset
Read/Write
31
F1
FIFO Replace bit 1 (indicates the set to be replaced)
0
Read/Write
30
PTagLo1
Bit 11 of the physical address
0
Read/Write
29:0
0
Reserved
0x0
Read
F1 and F0 are concatenated and indicate the set to be replaced.
F1
⏐ F0
0
0
: way0
0
1
: way1
1
0
: way2
1
1
: way3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com