Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4956C Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 23Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 24Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 25Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 26Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 27Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 28Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 29Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 30Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 286 page
background image
Handling Precautions
15
Packing Type
Moisture Removal Applicability/Procedure
Tray
If the packing indicates a “Heatproof” or temperature label, bake at 125
°C for 20
hours. (Some devices may require a different amount of time.)
If the packing does not indicate a “Heatproof” or temperature label, transfer the
devices to an anti-static container that bears a “Heatproof” or temperature label
and then bake.
The moisture-proof package itself is not heat resistance. Be sure to remove the
devices from the package prior to baking.
Magazine
Transfer devices to antistatic containers bearing the “Heatproof” or temperature
label, and then bake at 125
°C for 20 hours. (Some devices may require a different
amount of time.)
The moisture-proof package itself is not heat resistance. Be sure to remove the
devices from the package prior to baking.
Tape
Transfer devices to antistatic containers bearing the “Heatproof” or temperature
label, and then bake at 125
°C for 20 hours. (Some devices may require a different
amount of time.)
The moisture-proof package itself is not heat resistance. Be sure to remove the
devices from the package prior to baking.
(4) When removing the moisture from the devices, protect the devices from breakdown from static electricity.
(5) Moisture indicators (for your reference)
Moisture indicators detect the approximate ambient humidity level at a standard temperature of 25
°C.
Figure 3.1 shows a 3-point indicator.
READ AT LAVENDER
BETWEEN PINK & BLUE
20
30
40
HUMIDITY INDICATOR
3-point indicator
Figure 3.1 Humidity Indicator
(6) Do not allow loads to be applied directly to devices while they are in storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com