Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38 Datasheet(PDF) 111 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 111 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 107Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 108Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 109Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 110Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 111Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 112Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 113Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 114Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 115Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-111
Remote Control Receive Control Register 1
7
6
5
4
3
2
1
0
RXCR1
(00FE8H)
RCCK
RPOLS
EINT
RNC
(Initial value: 0000 0000)
RCCK
8-bit up counter source clock
select
00: fc/2
6 (Hz)
01: fc/2
8
10: fc/2
10
11: fc/2
12
RPOLS
Remote control signal polarity
select
0:
Positive
1:
Negative
EINT
Interrupt source select
00: Rising edge
01: Falling edge (at RPOLS
= 0)
10: Rising/falling edge
11: 8-bit receive end
RNC
Noise canceler noise
eiminating time select
001: 2
2/fc
× 7 − 1/fc (s)
010: 2
5/fc
× 7 − 1/fc
011: 2
6/fc
× 7 − 1/fc
100: 2
7/fc
× 7 − 1/fc
101: 2
8/fc
× 7 − 1/fc
110: 2
10/fc
× 7 − 1/fc
111: 2
12/fc
× 7 − 1/fc
000: Noise canceler disable
R/W
Note 1:
fc: High-frequency clock [Hz]
Note 2:
After reset, RPOLS do not change the set value in the receiving remote control signal. For setting interrupt
edge and measurement data, use EINT and RMM.
Remote Control Receive Control Register 2
7
6
5
4
3
2
1
0
RXCR2
(00FE9H)
CREGA
RCS
RMCEN
RMM
(Initial value: 0000 0000)
CREGA
Setting of detect time for
match with 8-bit up counter
upper 4 bits
Match detect time (Tth)
= 16 × CREGA/RCCK [s]
CREGA
= 0H to FH
Example:
CREGA
= 2H, RCCK = fc/26 [Hz], at fc = 16 MHz,
DV1CK
= 1
Tth
= 128 [μs]
RCS
8-bit up counter start control
0:
Stop and counter clear
1:
Start
RMCEN
Remote control signal
preprocesser enable/disable
0:
Disable
1:
Enable
RMM
Measurement mode select
(invalid when EINT
= “10”)
00:
01:
10:
11:
R/W
Note 1:
fc: High-frequency clock [Hz]
Note 2:
When an interrupt source is set for rising/falling edge, low and high widths are forcibly measured
separately.
Note 3:
Set CREGA (0H to FH) before EINT sets to 8-bit receive end.
Figure 2.10.2 Remote Control Receive Control Register 1, 2
Refer to Talbe 2.10.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com